Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT88430QJ-T Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # ACT88430QJ-T
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT88430QJ-T Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button ACT88430QJ-T Datasheet HTML 17Page - Active-Semi, Inc ACT88430QJ-T Datasheet HTML 18Page - Active-Semi, Inc ACT88430QJ-T Datasheet HTML 19Page - Active-Semi, Inc ACT88430QJ-T Datasheet HTML 20Page - Active-Semi, Inc ACT88430QJ-T Datasheet HTML 21Page - Active-Semi, Inc ACT88430QJ-T Datasheet HTML 22Page - Active-Semi, Inc ACT88430QJ-T Datasheet HTML 23Page - Active-Semi, Inc ACT88430QJ-T Datasheet HTML 24Page - Active-Semi, Inc ACT88430QJ-T Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
ACT88430QJ-T
Rev 1.0, 24-Oct-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM
is a trademark of Active-Semi.
Copyright © 2016-2018 Active-Semi, Inc.
I2CTM is a trademark of NXP
21
LDO1 ELECTRICAL CHARACTERISTICS – LOAD SWITCH
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range
2.7
5.5
V
PMOS On-Resistance
VINL1 = 2.7V, VOUT_L1_SET = 3V, I_Load =
200mA
180
220
mΩ
Output Current
VIN_LDO1 = 2.7V to 5.5V, LDO1_ILIM=11
0.75
A
Supply Current per Output
Load Switch Enabled No Load
25
42
µA
Load Switch Disabled
0
1
Soft-Start Period
LDO1_SS=00
LDO1_SS=01 VLDO1_OUT = 10% to 90%
LDO1_SS=10 VLDO1_OUT = 1.8V Setting
LDO1_SS=11
226
323
440
570
µs
Output Current Limit
LDO1_ILIM=00
LDO1_ILIM=01
LDO1_ILIM=10
LDO1_ILIM=11
-15%
350
500
630
1000
+15%
mA
(VIN_LDO1 = 3.3V, TA = 25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com