Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3G3EV-AB015M-CE Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # 3G3EV-AB015M-CE
Description  Compact Low-noise Inverter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G3EV-AB015M-CE Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button 3G3EV-AB015M-CE Datasheet HTML 18Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 19Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 20Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 21Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 22Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 23Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 24Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 25Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 89 page
background image
3-9
H Control Circuit Terminals
D Input Terminals (On Right-hand Side)
No external power supply is required because a built-in power supply is provided.
Terminal
symbol
Name and description
Interface
SF
Forward/Stop
When the terminal is ON, the motor rotates in
the forward direction. When the terminal is OFF,
the motor stops.
SR
Reverse/Stop
When the terminal is ON, the motor reverses.
When the terminal is OFF, the motor stops.
24 VDC, 8 mA
(See note 3)
S1
Multi-function input (see note 1)
(See note 3)
SC
Sequence input common
Input terminal common to SF, SR, and S1
FS
Frequency reference power supply
Output voltage: 12 VDC
Permissible amperage: 20 mA
FR
Frequency reference input (see note 2)
0 to 10 VDC is input.
Input impedance
FC
Frequency reference common
In ut im edance
Note 1. Constant No. 06 (n06) is used to set this function. This constant is factory-set to
“fault reset.”
Note 2. FR can be switched to an amperage input terminal (4 to 20 mA) by setting the
internal DIP switch and constant No. 02 (operation mode selection). For details,
refer to
7-2 Frequency Reference by Amperage Input.
Note 3. The circuit for a 400-VAC-class Inverter is as shown below.
GND
24 V
GND
3.3 K
SW2
SF
SR
S1 to S3
SC
360
0.1
µ
Design
Chapter 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com