Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3G3EV-AB015M-CE Datasheet(PDF) 40 Page - Omron Electronics LLC

Part # 3G3EV-AB015M-CE
Description  Compact Low-noise Inverter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G3EV-AB015M-CE Datasheet(HTML) 40 Page - Omron Electronics LLC

Back Button 3G3EV-AB015M-CE Datasheet HTML 36Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 37Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 38Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 39Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 40Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 41Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 42Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 43Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 44Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 89 page
background image
4-8
4-2-3 Setting Constants
The 3G3EV (Standard Model) allows the user to set 18 different constants.
The constants for basic operations are allocated to dedicated indicators,
so the user need not refer to the constant nos. The constants allocated to
dedicated indicators can be also set by lighting the PRGM indicator.
Note that the operation methods using dedicated indicators and the PRGM
indicator are different.
H Setting Constants
D Setting Constants Using a Dedicated Indicator
Example:
Changing acceleration time from 10 seconds to 50 seconds.
Key
operation
Indicator
Example of
data display
Explanation
10.0 Press the Mode Key until the ACC indicator lights
up.
Flashing
10.1
Press the Increment Key. The data display section
flashes (indicating that the data is yet to be
registered).
Flashing
50.0
Press the Increment Key until “50.0” appears in
the data display section. Holding down the key
changes data quickly.
50.0 Press the Enter Key to complete the setting
procedure.
10.0
50.0
50.0
Flashing
Note If the new data is not to be registered, press the Mode Key instead of the Enter
Key. The new data becomes invalid and the next item is displayed.
Preparing for Operation
Chapter 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com