Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

22-23C/R6GHBHW-C01/2C Datasheet(PDF) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 22-23C/R6GHBHW-C01/2C
Description  Package in 8mm tape on 7?엀iameter reel.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

22-23C/R6GHBHW-C01/2C Datasheet(HTML) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  22-23C/R6GHBHW-C01/2C Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DATASHEET
SMD  B
22-23C/R6GHBHW-C01/2C
5
Copyright © 2010, Everlight All Rights Reserved. Release Date : 29-Apr-2013
Issue No: DSE-0001583 Rev:3
www.everlight.com
Typical Electro-Optical Characteristics Curves
R6
Ta=25°C
Forward Voltage V (V)
-60
Forward Current Derating Curve
Ambient Temperature Ta (°C)
1
10
-20
-40
0
20
60
40
100
80
100
1000
Wavelength λ (nm)
Luminous Intensity vs.
Ambient Temperature
Spectrum Distribution
Forward Voltage
F
Ta=25°C
Forward Current vs.
10
1
10
100
1000
Forward Current I (mA)
0
10
1
10
2
F
Ta=25°C
Luminous Intensity vs.
Forward Current
Ta=25°C
Radiation Diagram
Ambient Temperature Ta (°C)
500
25
0
50
75
100
550
600
650
700
1.2
0
10
20
25
30
40
50
2.8
2.0
1.6
2.4
3.0
0
10
0
20
30
25
40
50
40
20
60
100
85
70°
0.7
0.5
0.4
0.1
0.3
0.2
90°
80°
0.6
1.0
0.9
0.8
0°
10°
40°
60°
50°
30°
20°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com