Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

22-23C/R6GHBHW-C01/2C Datasheet(PDF) 6 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 22-23C/R6GHBHW-C01/2C
Description  Package in 8mm tape on 7?엀iameter reel.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

22-23C/R6GHBHW-C01/2C Datasheet(HTML) 6 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Back Button 22-23C/R6GHBHW-C01/2C Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 22-23C/R6GHBHW-C01/2C Datasheet HTML 10Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DATASHEET
SMD  B
22-23C/R6GHBHW-C01/2C
6
Copyright © 2010, Everlight All Rights Reserved. Release Date : 29-Apr-2013
Issue No: DSE-0001583 Rev:3
www.everlight.com
Typical Electro-Optical Characteristics Curves
GH
30°
20°
Ta=25°C
10°
0°
50°
40°
70°
90°
0.4
0.6
80°
0.2
0.1
60°
1.0
0.9
0.3
0.5
0.7
0.8
Radiation Diagram
F
Forward Voltage V (V)
Wavelength λ (nm)
Forward Current vs.
Ta=25°C
4.5
3.8
3.0
3.4
4.2
Forward Voltage
50
30
40
20
25
10
0
2.6
Spectrum Distribution
600
500
450
550
100
50
75
25
0
400
Ta=25°
Forward Current
Luminous Intensity vs
Ta=25°C
F
I (mA)
10
10
Forward Current
1000
100
10
1
10
Ambient Temperature
Luminous Intensity vs.
1000
100
80 100
40 60
20
0
-40 -20
85
100
60
20
40
10
1
50
40
25
30
20
0
10
0
Ambient Temperature Ta (°C)
Forward Current Derating Curve
-60
Ambient Temperature Ta (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com