Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HM8003 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8003
Description  Load DC resistance is controlled at 2.3 or more
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8003 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8003 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8003 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8003 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4.充电说明
4.1 烟杆接上充电器,LED 闪烁 5 次后 LED 常亮,处于充电状态。在电池电压低于 2.8V
时,为涓流充电,电流 40mA;大于 2.8V 时,开始以恒流充电,电流 420mA;当电池
电压越来越大时电流会越来越小,电压充到 4.2V(±0.05),LED 灯灭;如果在未充满
电的情况下,而此时电池电压已经达到或超过 4.1V(±0.07),再充电时 LED 闪烁 5
次后 LED 灭,充电继续直到电池充满。
4.2 充电电压
注:最佳充电输入电压为 4.4V~5.0V.
5.芯片管脚功能说明
5.1 :IC 封装 SOP8
HM8003



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com