Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HM8003 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8003
Description  Load DC resistance is controlled at 2.3 or more
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8003 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8003 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8003 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8003 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
管脚号
管脚名称
功能说明
使用说明
I/O
1
输入输出脚(
I/O)
工作时,
3.5V PWM 恒压输出,
充电时,电源输入脚
高有效,外接雾化器;充
电时接充电器正极
I/O
2
电源正(
VDD)
电源正端
接电池正极
3
充电脚(
CHG)
充电时电源输入脚
输入接充电器正极
4
电源负(
GND)
电源负端
接电池负极
5
气流感应脚(
CAP) 气流开关感应脚
外接咪头
6
开关脚(
SW)
开关感应脚,开关保护
外接开关
7
灯脚(
LED)
工作时输出高电压
高有效,外接
LED 灯
O
8
NC
6.芯片管脚功能说明
6.1 各脚功能说明
7.原理图
HM8003



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com