Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY28317PVC-2 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CY28317PVC-2
Description  FTG for Mobile VIA PL133T and PLE133T Chipsets
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28317PVC-2 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CY28317PVC-2 Datasheet HTML 12Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 13Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 14Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 15Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 16Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 17Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 18Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 19Page - Cypress Semiconductor CY28317PVC-2 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
CY28317-2
Document #: 38-07094 Rev. *B
Page 16 of 21
AC Electrical Characteristics
TA = 0°C to +70°C, VDDQ3 = 3.3V±5%, fXTL = 14.31818 MHz
AC clock parameters are tested and guaranteed over stated operating conditions using the stated lump capacitive load at the
clock output; Spread Spectrum is disabled.
Notes:
5.
X1 input threshold voltage (typical) is VDD/2.
6.
The CY28317-2 contains an internal crystal load capacitor between pin X1 and ground and another between pin X2 and ground. The total load placed on the
crystal is 18 pF; this includes typical stray capacitance of short PCB traces to the crystal.
7.
X1 input capacitance is applicable when driving X1 with an external clock source (X2 is left unconnected).
8.
Determined as a fraction of 2* (tRP – tRN). Where tRP is a rising edge and tRN is an intersection falling edge.
Crystal Oscillator
VTH
X1 Input Threshold Voltage[5]
VDDQ3 = 3.3V
1.65
V
CLOAD
Load Capacitance, Imposed on
External Crystal[6]
18
pF
CIN,X1
X1 Input Capacitance[7]
Pin X2 unconnected
TBD
pF
Pin Capacitance/Inductance
CIN
Input Pin Capacitance
Except X1 and X2
5
pF
COUT
Output Pin Capacitance
6
pF
LIN
Input Pin Inductance
7nH
DC Electrical Characteristics: TA = 0°C to +70°C, VDDQ3 = 3.3V ±5%
[3] (continued)
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
CPU Clock Outputs[8]
Parameter
Description
Test Condition/Comments
CPU = 100 MHz
CPU = 133 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
tR
Output Rise Edge Rate
1.0
4.0
1.0
4.0
v/ns
tF
Output Fall Edge Rate
1.0
2.0
1.0
2.0
v/ns
tD
Duty Cycle
Measured at 50% point
45
55
45
55
%
tJC
Jitter, Cycle to Cycle
250
250
ps
fST
Frequency Stabilization
from Power-up (cold
start)
Assumes full supply voltage reached
within 1 ms from power-up. Short
cycles exist prior to frequency
stabilization.
33
ms
Zo
AC Output Impedance
VO = VX
50
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com