Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C80GF Datasheet(PDF) 15 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 11Page - Texas Instruments TMS320C80GF Datasheet HTML 12Page - Texas Instruments TMS320C80GF Datasheet HTML 13Page - Texas Instruments TMS320C80GF Datasheet HTML 14Page - Texas Instruments TMS320C80GF Datasheet HTML 15Page - Texas Instruments TMS320C80GF Datasheet HTML 16Page - Texas Instruments TMS320C80GF Datasheet HTML 17Page - Texas Instruments TMS320C80GF Datasheet HTML 18Page - Texas Instruments TMS320C80GF Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Terminal Functions
TERMINAL
DESCRIPTION
NAME
TYPE†
DESCRIPTION
LOCAL MEMORY INTERFACE
A31 – A0
O
Address bus. A31 – A0 output the 32-bit byte address of the external memory cycle. The address can be
multiplexed for DRAM accesses.
AS2 – AS0
I
Address-shift selection. AS2 – AS0 determine how the column address appears on the address bus. Eight
shift values are supported, including zero.
BS1 – BS0
I
Bus-size selection. BS1 – BS0 indicate the bus size of the memory or other device being accessed, allowing
dynamic bus sizing for data buses less than 64-bits wide.
CT2 – CT0
I
Cycle-timing selection. CT2 – CT0 signals determine the timing of the current memory access.
D63 – D0
I/O
Data bus. D63 – D0 transfer up to 64 bits of data per memory cycle into or out of the ’C80.
DBEN
O
Data-buffer enable. DBEN drives the active-low output-enables of bi-directional transceivers that can be
used to buffer input and output data on D63 – D0.
DDIN
O
Data-direction indicator. DDIN indicates the direction of the data that passes through the transceivers. When
DDIN is low, the transfer is from external memory into the ’C80.
FAULT
I
Fault. FAULT is driven low by external circuitry to inform the ’C80 that a fault has occurred on the current
memory row-access.
PS3 – PS0
I
Page-size indication. PS3 – PS0 indicate the page size of the memory device(s) being accessed by the
current cycle. The ’C80 uses this information to determine when to begin a new row-access.
READY
I
Ready. READY indicates that the external device is ready to complete the memory cycle. READY is driven
low by external circuitry to insert wait states into a memory cycle.
RL
O
Row latch. The high-to-low transition of RL can be used to latch the valid 32-bit byte address that is present
on A31 – A0.
RETRY
I
Retry. RETRY is driven low by external circuitry to indicate that the addressed memory is busy. The ’C80
memory cycle is rescheduled.
STATUS5 – STATUS0
O
Status code. At row time, STATUS5 – STATUS0 indicate the type of cycle being performed. At column time,
they identify the processor and type of request that initiated the cycle.
UTIME
I
User-timing selection. UTIME causes the timing of RAS and CAS / DQM7 – CAS / DQM0 to be modified so
that custom memory timings can be generated. During reset, UTIME selects the endian mode in which the
’C80 operates.
DRAM, VRAM, AND SDRAM CONTROL
CAS / DQM7 –
CAS / DQM0
O
Column-address strobes. CAS / DQM7 – CAS / DQM0 drive the CAS inputs of DRAMs and VRAMs, or the
DQM input of SDRAMs. The eight strobes provide byte-write access to memory.
DSF
O
Special function. DSF selects special VRAM functions such as block-write, load color register, split-register
transfer, and SGRAM block write.
RAS
O
Row-address strobe. RAS drives the RAS inputs of DRAMs, VRAMs, and SDRAMs.
TRG / CAS
O
Transfer / output enable or column-address strobe. TRG / CAS is used as an output-enable for DRAMs and
VRAMs, and also as a transfer-enable for VRAMs. TRG / CAS also drives the CAS inputs of SDRAMs.
W
O
Write enable. W is driven low before CAS during write cycles. W controls the direction of the transfer during
VRAM transfer cycles.
† I = input, O = output, Z = high impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com