Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C80GF Datasheet(PDF) 17 Page - Texas Instruments

Part # TMS320C80GF
Description  DIGITAL SIGNAL PROCESSOR
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C80GF Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS320C80GF Datasheet HTML 13Page - Texas Instruments TMS320C80GF Datasheet HTML 14Page - Texas Instruments TMS320C80GF Datasheet HTML 15Page - Texas Instruments TMS320C80GF Datasheet HTML 16Page - Texas Instruments TMS320C80GF Datasheet HTML 17Page - Texas Instruments TMS320C80GF Datasheet HTML 18Page - Texas Instruments TMS320C80GF Datasheet HTML 19Page - Texas Instruments TMS320C80GF Datasheet HTML 20Page - Texas Instruments TMS320C80GF Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 171 page
background image
TMS320C80
DIGITAL SIGNAL PROCESSOR
SPRS023B – JULY 1994 – REVISED OCTOBER 1997
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Terminal Functions (Continued)
TERMINAL
DESCRIPTION
NAME
TYPE†
DESCRIPTION
VIDEO INTERFACE
CAREA0, CAREA1
O
Composite area. CAREA0 and CAREA1 define a special area such as an overscan boundary. This area
represents the logical OR of the internal horizontal and vertical area signals.
CBLNK0 / VBLNK0,
CBLNK1 / VBLNK1
O
Composite blanking / vertical blanking. Each of CBLNK0 / VBLNK0 and VBLNK1 provides one of two
blanking functions, depending on the configuration of the CSYNC / HBLNK pin:
Composite blanking disables pixel display /capture during both horizontal and vertical retrace periods
and is enabled when CSYNC is selected for composite sync video systems.
Vertical blanking disables pixel display /capture during vertical retrace periods and is enabled when
HBLNK is selected for separate-sync video systems.
Following reset, CBLNK0 / VBLNK0 and CBLNK1 / VBLNK1 are configured as CBLNK0 and CBLNK1,
respectively.
CSYNC0 / HBLNK0,
CSYNC1 / HBLNK1
I/O/Z
Composite sync / horizontal blanking. CSYNC0 / HBLNK0 and CSYNC1 / HBLNK1 can be programmed
for one of two functions:
Composite sync is for use on composite-sync video systems and can be programmed as an input,
output, or high-impedance signal
. As an input, the ’C80 extracts horizontal and vertical sync
information from externally generated active-low sync pulses. As an output, the active-low composite
sync pulses are generated from either external HSYNC and VSYNC signals or the ’C80’s internal
video timers. In the high-impedance state, the pin is neither driven nor allowed to drive circuitry.
Horizontal blank disables pixel display / capture during horizontal retrace periods in separate-sync
video systems and can be used as an output only.
Immediately following reset, CSYNC0 / HBLNK0 and CSYNC1 / HBLNK1 are configured as
high-impedance CSYNC0 and CSYNC1, respectively.
FCLK0, FCLK1
I
Frame clock. FCLK0 and FCLK1 are derived from the external video system’s dotclock and are used to
drive the ’C80 video logic for frame timer 0 and frame timer 1.
HSYNC0,
HSYNC1
I/O/Z
Horizontal sync. HSYNC0 and HSYNC1 control the video system. They can be programmed as input,
output, or high impedance signals. As an input, HSYNC synchronizes the video timer to externally
generated horizontal sync pulses. As an output, HSYNC is an active-low horizontal sync pulse generated
by the ’C80 on-chip frame timer. In the high-impedance state, the pin is not driven, and no internal
synchronization is allowed to occur. Immediately following reset, HSYNC0 and HSYNC1 are in the
high-impedance state.
SCLK0, SCLK1
I
Serial-data clock. SCLK0 and SCLK1 are used by the ’C80 SRT controller to track the VRAM tap point
when using midline reload. SCLK0 and SCLK1 should be the same signals that clock the serial register
on the VRAMs controlled by frame timer 0 and frame timer 1, respectively.
VSYNC0,
VSYNC1
I/O/Z
Vertical sync. VSYNC0 and VSYNC1 control the video system. They can be programmed as inputs,
outputs, or high-impedance signals. As inputs, VSYNCx synchronizes the frame timer to externally
generated vertical-sync pulses. As outputs, VSYNCx are active-low vertical-sync pulses generated by the
’C80 on-chip frame timer. In the high-impedance state, the pin is not driven and no internal synchronization
is allowed to occur. Immediately following reset, VSYNCx is in the high-impedance state.
POWER
VSS‡
I
Ground. Electrical ground inputs
VDD‡
I
Power. Nominal 3.3-V power supply inputs
MISCELLANEOUS
No Connect
No connect serves as an alignment key and must be left unconnected.
FF2 – FF1
FF2 – FF1 (GF package only) are reserved for factory use and should be left unconnected.
† I = input, O = output, Z = high-impedance
‡ For proper operation, all VDD and VSS pins must be connected externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com