Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM224AN Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM224AN
Description  Low Power Quad Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM224AN Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM224AN Datasheet HTML 2Page - STMicroelectronics LM224AN Datasheet HTML 3Page - STMicroelectronics LM224AN Datasheet HTML 4Page - STMicroelectronics LM224AN Datasheet HTML 5Page - STMicroelectronics LM224AN Datasheet HTML 6Page - STMicroelectronics LM224AN Datasheet HTML 7Page - STMicroelectronics LM224AN Datasheet HTML 8Page - STMicroelectronics LM224AN Datasheet HTML 9Page - STMicroelectronics LM224AN Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LM224A-LM324A
Electrical Characteristics
6/16
Figure 3: Input bias current vs. ambient
temperature
Figure 4: Input voltage range
Figure 5: Gain bandwidth product
-55-35-15 5 25 45 65 85 105 125
AMBIENT TEMPERATURE (°C)
24
21
18
15
9
12
6
3
0
INPUT BIAS CURRENT
versus AMBIENT TEMPERATURE
IB (nA)
Figure 6: Current limiting
Figure 7: Supply current
Figure 8: Common mode rejection ratio
SUPPLY CURRENT
010
20
30
Tamb = -55°C
VCC
mA
ID
-
+
Tamb = 0°C to +125°C
POSITIVE SUPPLY VOLTAGE (V)
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com