Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM224AN Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM224AN
Description  Low Power Quad Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM224AN Datasheet(HTML) 3 Page - STMicroelectronics

  LM224AN Datasheet HTML 1Page - STMicroelectronics LM224AN Datasheet HTML 2Page - STMicroelectronics LM224AN Datasheet HTML 3Page - STMicroelectronics LM224AN Datasheet HTML 4Page - STMicroelectronics LM224AN Datasheet HTML 5Page - STMicroelectronics LM224AN Datasheet HTML 6Page - STMicroelectronics LM224AN Datasheet HTML 7Page - STMicroelectronics LM224AN Datasheet HTML 8Page - STMicroelectronics LM224AN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings
LM224A-LM324A
3/16
2
Absolute Maximum Ratings
Table 1: Key parameters and their absolute maximum ratings
Symbol
Parameter
LM124A
LM224A
LM324A
Unit
VCC
Supply voltage
±16 or 32
V
Vi
Input Voltage
-0.3 to Vcc + 0.3
V
Vid
Differential Input Voltage 1
1)
Either or both input voltages must not exceed the magnitude of VCC
+ or V
CC
-.
32
V
Ptot
Power DissipationN Suffix
D Suffix
500
500
400
500
400
mW
mW
Output Short-circuit Duration 2
2)
Short-circuits from the output to VCC can cause excessive heating if VCC > 15V. The maximum output current is approximately 40mA
independent of the magnitude of VCC. Destructive dissipation can result from simultaneous short-circuit on all amplifiers.
Infinite
Iin
Input Current 3
3)
This input current only exists when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the
input PNP transistor becoming forward biased and thereby acting as input diodes clamps. In addition to this diode action, there is also
NPN parasitic action on the IC chip. this transistor action can cause the output voltages of the op-amps to go to the VCC voltage level (or
to ground for a large overdrive) for the time duration than an input is driven negative.
This is not destructive and normal output will set up again for input voltage higher than -0.3V.
50
mA
Toper
Operating Free-air Temperature Range
-55 to +125
-40 to +105
0 to +70
°C
Tstg
Storage Temperature Range
-65 to +150
°C
Rthja
Thermal Resistance Junction to Ambient
SO14
TSSOP14
DIP14
103
100
66
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com