| Electronic Components Datasheet Search |
|
WM8802 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8802 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc |
|
49 / 65 page ![]() Product Preview WM8802 w PP Rev 1.1 April 2004 49 INT output contents setting: REGISTER ADDRESS DI7 DI6 DI5 DI4 DI3 DI2 DI1 DI0 1 0 0 0 0 0 CAU CAL DI15 DI14 DI13 DI12 DI11 DI10 DI9 DI8 CCB address: 0xE8; Command address: 8 EMPF SLIPO PCRNW UNPCM CSRNW FSCHG INDET ERROR ERROR RERR signal output setting 0: Do not output. (initial value) 1: Output RERR pin status change. INDET Input data detection output setting 0: Do not output. (initial value) 1: Output input data pin status change. FSCHG PLL lock frequency calculation result update flag output setting 0: Do not output. (initial value) 1: Output PLL lock frequency calculation result update flag. CSRNW First 48 channel status bits update flag output setting 0: Do not output. (initial value) 1: Output first 48 channel status bits update flag. UNPCM Non-PCM data detection change flag output setting 0: Do not output. (initial value) 1: Output AUDIO pin status change. PCRNW Burst preamble Pc update flag output setting 0: Do not output. (initial value) 1: Output burst preamble Pc update flag. SLIPO Slip signal output setting during slave operation 0: Do not output. (initial value) 1: Read data output twice and output data loss detection flag. EMPF Emphasis detection flag output setting 0: Do not output. (initial value) 1: Output emphasis detection flag. The channel status update flag compares the first 48 bits of data of the previous block with those of the current block and a flag is output when they are the same. The burst preamble Pc update flag also compares the 16 bits of data of the previous block with those of the current data and an update flag is output if they match. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |