| Electronic Components Datasheet Search |
|
WM8802 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8802 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc |
|
16 / 65 page ![]() WM8802 Product Preview w PP Rev 1.1 April 2004 16 When the PLL changes from locked to unlocked status, the timing for switching the clock from the PLL source to the XIN source can be changed with XTWT[0:1]. It is recommended to use these commands if noise occurs during clock switching. CAUTIONS ON SWITCHING CLOCK SOURCE WHILE PLL IS LOCKED Clock continuity is maintained when switching the clock to the XIN source with SELMTD, OCKSEL, and RCKSEL. RERR outputs an error (High) when the oscillation amplifier is stopped while the PLL is locked (initial setting). The oscillation amplifier goes into the operating state at the same time that the clock is switched to the XIN source and calculation of the input fs (sampling frequency) resumes. The previous fs calculation value is then reset. The processing performs as if the fs value had changed compared to the newly calculated fs value. The following settings must be performed in order to switch the clock source with SELMTD, OCKSEL and RCKSEL while PLL is locked and maintaining the RERR status. (1) Set the oscillation amplifier to the continuous operation mode with AMPOPR[0:1]. (2) Set with FSERR the mode for not reflecting fs changes to the error flag. By performing one of the above settings, it is possible to control the RERR change status when switching the clock source with SELMTD, OCKSEL and RCKSEL. When switching the clock source to XIN (oscillation amplifier stopped and PLL locked), the output clock is output after the oscillation amplifier starts operating. When switching the clock source from XIN to PLL the clock continuity is maintained. MASTER CLOCK BLOCK DIAGRAM (TMCK, XIN, XOUT, RMCK, XMCK) The relationships between the three master clocks, switching and the frequency division function are shown below. The contents in the square brackets [ ∗∗∗] of the switch function blocks correspond to the write command names. Lock/Unlock switching is automatically performed through PLL locking/unlocking. PLL 1/N (256fs or 512fs) Selected Biphase TMCK (I) 256fs only XIN (I) XOUT (O) RMCK (O) XMCK (O) [EXSYNC] [RCKSEL] [PLLOPR] [PLLSEL] [PRSEL1] [XRSEL1] [XINSEL] [XMSEL1] [AMPOPR1] (N=1, 2) Lock /Unlock 1/N (N=1, 2) 1/N (N=1, 2, 4) 1/N (N=1, 2, 4) [OCKSEL] [XMSEL0] [XRSEL0] [PRSEL0] [SELMTD] [AMPOPR0] Figure 6 Master Clock Block Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |