Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYBJ6 Datasheet(PDF) 4 Page - CUI INC

Part # PYBJ6
Description  DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYBJ6 Datasheet(HTML) 4 Page - CUI INC

  PYBJ6 Datasheet HTML 1Page - CUI INC PYBJ6 Datasheet HTML 2Page - CUI INC PYBJ6 Datasheet HTML 3Page - CUI INC PYBJ6 Datasheet HTML 4Page - CUI INC PYBJ6 Datasheet HTML 5Page - CUI INC PYBJ6 Datasheet HTML 6Page - CUI INC PYBJ6 Datasheet HTML 7Page - CUI INC PYBJ6 Datasheet HTML 8Page - CUI INC PYBJ6 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
cui.com
date 06/24/2019
│ page 4 of 10
CUI Inc
│ SERIES: PYBJ6 │ DESCRIPTION: DC-DC CONVERTER
10 Sec. Max.
Wave Soldering Time
4 Sec. Max.
Peak Temp. 260°C Max.
Time (sec.)
250
200
150
100
50
0
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
85
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
5
95
%
vibration
10~150 Hz, for 90 minutes on each axis
5
G
DERATING CURVES
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
1.5 mm from case for 10 seconds
300
°C
wave soldering9
see wave soldering profile
260
°C
reflow soldering10
see reflow soldering profile
Maximum duration >217°C is 60 seconds.
For actual application, refer to IPC/JEDEC J-STD-020D.1
245
°C
Note:
9. For DIP models only.
10. For SMT models only.
Ambient Temperature (°C)
-40
60
80
100
40
20
060
100
120
120
0
20
40
85
Temperature Derating Curve
(Output Load vs. Ambient Temperature)
0
50
100
150
200
250
245
217
Time (sec.)
60 sec max
(>217°C)
Peak Temp 245°C
Wave Soldering Proflile
(DIP models)
Reflow Soldering Profile
(SMT models)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com