Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYBJ6 Datasheet(PDF) 5 Page - CUI INC

Part # PYBJ6
Description  DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYBJ6 Datasheet(HTML) 5 Page - CUI INC

  PYBJ6 Datasheet HTML 1Page - CUI INC PYBJ6 Datasheet HTML 2Page - CUI INC PYBJ6 Datasheet HTML 3Page - CUI INC PYBJ6 Datasheet HTML 4Page - CUI INC PYBJ6 Datasheet HTML 5Page - CUI INC PYBJ6 Datasheet HTML 6Page - CUI INC PYBJ6 Datasheet HTML 7Page - CUI INC PYBJ6 Datasheet HTML 8Page - CUI INC PYBJ6 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
cui.com
date 06/24/2019
│ page 5 of 10
CUI Inc
│ SERIES: PYBJ6 │ DESCRIPTION: DC-DC CONVERTER
units: mm [inch]
tolerance: ±0.50[±0.020]
pin section tolerance: ±0.10[±0.004]
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
DIP without case: 31.60 x 18.10 x 6.10 [1.244 x 0.713 x 0.240 inch]
DIP with case: 32.60 x 19.10 x 6.80 [1.283 x 0.752 x 0.268 inch]
SMT without case: 31.60 x 18.10 x 6.30 [1.244 x 0.713 x 0.248 inch]
SMT with case: 32.60 x 19.10 x 7.00 [1.283 x 0.752 x 0.276 inch]
mm
mm
mm
mm
case material
aluminum alloy
weight
models without case
models with case
4.7
5.7
g
g
MECHANICAL DRAWING (DIP WITHOUT CASE)
PIN CONNECTIONS
PIN
Function
1
Vin
2
CTRL
3
GND
4
0V
5
trim
6
+Vo
Recommended PCB Layout
Top View
units: mm [inch]
tolerance: ±0.50[±0.020]
pin section tolerance: ±0.10[±0.004]
MECHANICAL DRAWING (DIP WITH CASE)
PIN CONNECTIONS
PIN
Function
1
Vin
2
CTRL
3
GND
4
0V
5
trim
6
+Vo
Recommended PCB Layout
Top View
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com