Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74AXC4T774 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AXC4T774
Description  SN74AXC4T774 4-Bit Dual-Supply Bus Transceiver with Independent Direction Control, Configurable Voltage Translation, and Tri-State Outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AXC4T774 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN74AXC4T774 Datasheet HTML 17Page - Texas Instruments SN74AXC4T774 Datasheet HTML 18Page - Texas Instruments SN74AXC4T774 Datasheet HTML 19Page - Texas Instruments SN74AXC4T774 Datasheet HTML 20Page - Texas Instruments SN74AXC4T774 Datasheet HTML 21Page - Texas Instruments SN74AXC4T774 Datasheet HTML 22Page - Texas Instruments SN74AXC4T774 Datasheet HTML 23Page - Texas Instruments SN74AXC4T774 Datasheet HTML 24Page - Texas Instruments SN74AXC4T774 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
GND
Logic
Input
Output
VCC
Device
-IIK
-IOK
21
SN74AXC4T774
www.ti.com
SCES898 – JULY 2019
Product Folder Links: SN74AXC4T774
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.5 Over-voltage Tolerant Inputs
Input signals to this device can be driven above the supply voltage so long as they remain below the maximum
input voltage value specified in the Recommended Operating Conditions.
8.3.6 Glitch-free Power Supply Sequencing
Either supply rail may be powered on or off in any order without producing a glitch on the I/Os (that is, where the
output erroneously transitions to VCC when it should be held low). Glitches of this nature can be misinterpreted
by a peripheral as a valid data bit, which could trigger a false device reset of the peripheral, a false device
configuration of the peripheral, or even a false data initialization by the peripheral. For more information
regarding the power up glitch performance of the AXC family of level translators, see the Glitch Free Power
Sequencing With AXC Level Translators application report
8.3.7 Negative Clamping Diodes
The inputs and outputs to this device have negative clamping diodes as depicted in Figure 9.
CAUTION
Voltages beyond the values specified in the Absolute Maximum Ratings table can
cause damage to the device. The input negative-voltage and output voltage ratings
may be exceeded if the input and output clamp-current ratings are observed.
Figure 9. Electrical Placement of Clamping Diodes for Each Input and Output
8.3.8 Fully Configurable Dual-Rail Design
Both the VCCA and VCCB pins can be supplied at any voltage from 0.65 V to 3.6 V, making the device suitable for
translating between any of the voltage nodes (0.7 V, 0.8 V, 0.9 V, 1.2 V, 1.8 V, 2.5 V and 3.3 V).
8.3.9 Supports High-Speed Translation
The SN74AXC4T774 device can support high data-rate applications. The translated signal data rate can be up to
310 Mbps when the signal is translated from 1.8 V to 3.3 V.
8.4 Device Functional Modes
(1)
Input circuits of the data I/Os are always active.
(2)
Pins configured as inputs should not be left floating.
Table 2. Function Table
(Each Transceiver)(1)(2)
CONTROL INPUTS
Port Status
OPERATION
OE
DIR
A PORT
B PORT
L
L
Output (Enabled)
Input (Hi-Z)
B data to A bus
L
H
Input (Hi-Z)
Output (Enabled)
A data to B bus
H
X
Input (Hi-Z)
Input (Hi-Z)
Isolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com