Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74AXC4T774 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AXC4T774
Description  SN74AXC4T774 4-Bit Dual-Supply Bus Transceiver with Independent Direction Control, Configurable Voltage Translation, and Tri-State Outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AXC4T774 Datasheet(HTML) 22 Page - Texas Instruments

Back Button SN74AXC4T774 Datasheet HTML 18Page - Texas Instruments SN74AXC4T774 Datasheet HTML 19Page - Texas Instruments SN74AXC4T774 Datasheet HTML 20Page - Texas Instruments SN74AXC4T774 Datasheet HTML 21Page - Texas Instruments SN74AXC4T774 Datasheet HTML 22Page - Texas Instruments SN74AXC4T774 Datasheet HTML 23Page - Texas Instruments SN74AXC4T774 Datasheet HTML 24Page - Texas Instruments SN74AXC4T774 Datasheet HTML 25Page - Texas Instruments SN74AXC4T774 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
SoC
GPS
Module
B1
VCCA
VCCB
DIR1
A1
0.7 V
3.3 V
0.1 µF
0.1 µF
SN74AXC4T774
GND
CLK
CLK
DIR2
DIR4
B2
A2
MOSI
MOSI
B3
A3
MISO
MISO
B4
A4
SS
SS
GPIO1
Pullup Resistors keep device disabled
during power up. OE inputs may also
be tied to GND to keep device enabled
OE
DIR3
22
SN74AXC4T774
SCES898 – JULY 2019
www.ti.com
Product Folder Links: SN74AXC4T774
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SN74AXC4T774 device can be used in level-translation applications for interfacing devices or systems
operating at different interface voltages with one another. The SN74AXC4T774 device is ideal for use in
applications where a push-pull driver is connected to the data I/Os. The max data rate can be up to 310 Mbps
when device translates a signal from 1.8 V to 3.3 V.
One example application is shown in Figure 10, where the SN74AXC4T774 device is used to translate a low
voltage SPI signal from an SoC to a higher voltage signal to properly drive the inputs of a GPS module, and vice
versa.
9.2 Typical Application
Figure 10. Serial Peripheral Interface (SPI) Application
9.2.1 Design Requirements
For this design example, use the parameters listed in Table 3.
Table 3. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUES
Input voltage range
0.65 V to 3.6 V
Output voltage range
0.65 V to 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com