Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB8043AIRGCT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8043AIRGCT
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8043AIRGCT Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB8043AIRGCT Datasheet HTML 14Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 15Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 16Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 17Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 18Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 19Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 20Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 21Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
18
TUSB8043A
SLLSF94 – JUNE 2019
www.ti.com
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.3.3.1 SET REPORT (Output)
Report length includes overhead bytes (1 byte of opcode, 1 byte of device address and 2 bytes of data length)
and must match the number of bytes sent in the data stage or the request is stalled.
•
1-byte opcode
–
8'b0000xy01 read I2C
–
8'b0000xy10 write I2C with stop
–
8'b0000xy11 write I2C without stop (use to set sub-address prior to read)
–
Bit 2 (y) when set forces 100 kHz I2C.
–
Bit 3 (x) when set disables EP1. When EP1 is disabled, EP1 will always NAK and EP0 should be used for
Get Report.
•
1-byte I2C slave (7-bit) address
•
2-byte I2C transaction data length
•
"length" bytes of Data for a write, but none for a read.
Set Report status stage reports only the status of the receipt and validity of the request, not the status of the I2C
transaction. As long as the fields construct a valid request, the status stage is Acked by a null packet. Otherwise,
it is STALLed. For example, if the report_length does not match the amount of data sent before the status stage
or the wLength does not match the number of bytes of data sent in the data stage, the status stage is STALLed.
Software shall ensure properly formatted commands and data responses. The sum of the start address and
wLength shall be less than the total size of the address range of the target device in a properly formatted
command. Hardware shall wrap any data addresses above FFFFh and shall discard any data transmitted greater
than wLength and return STALL. A STALL is returned if opcode is 00h.
The I2C master that performs the I2C reads and writes initiated through USB HID interface supports clock
stretching. It operates at 400 kHz by default, but can be configured for 100 kHz through eFuse or register or by
opcode.
If the TUSB8043A is suspended (L2) by the USB host, the USB HID interface must enter suspend, but the I2C
master shall remain active while attempting to complete an active I2C write request. An active I2C read request
may be aborted if the TUSB8043A enters USB suspend state. Per the USB specification, the USB host should
not suspend the HID interface while an I2C read or write is still in progress. The USB HID interface shall refuse
requests to enter USB 2.0 sleep mode (L1) while an I2C read or write is in progress.
8.3.3.2 GET REPORT (Feature)
This HID Report is return a 2-byte constant (0x82FF) which can be used to identify compatible HID devices even
if the customer changes the VID/PID.
8.3.3.3 GET REPORT (Input)
A report length of one reports the status byte only. To receive a report with data, the report length must be the
length of the data, plus one byte for status and two bytes for the length field.
•
1-byte Status
–
0 Success
–
1 Fail — timeout (35 ms)
–
2 Fail — Address nak
–
3 Fail — data nak
•
2-byte length
•
"length" bytes of Data for a read, but not for a write.
A Get Report (input) request is required for both read and write. The interrupt and control endpoint will NAK until
the I2C transaction is complete, so that it can report length, data for a read, and final status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com