Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB8043AIRGCT Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8043AIRGCT
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8043AIRGCT Datasheet(HTML) 25 Page - Texas Instruments

Back Button TUSB8043AIRGCT Datasheet HTML 21Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 22Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 23Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 24Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 25Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 26Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 27Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 28Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
25
TUSB8043A
www.ti.com
SLLSF94 – JUNE 2019
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.5 Register Maps
8.5.1 Configuration Registers
The internal configuration registers are accessed on byte boundaries. The configuration register values are
loaded with defaults but can be over-written when the TUSB8043A is in I2C or SMBus mode. Refer to Table 4 for
registers configurable from OTP.
Table 6. TUSB8043A Register Map
BYTE
ADDRESS
CONTENTS
EEPROM CONFIGURABLE
00h
ROM Signature Register
Yes
01h
Vendor ID LSB
Yes
02h
Vendor ID MSB
Yes
03h
Product ID LSB
Yes
04h
Product ID MSB
Yes
05h
Device Configuration Register
Yes
06h
Battery Charging Support Register
Yes
07h
Device Removable Configuration Register
Yes
08h
Port Used Configuration Register
Yes
09h
Reserved. Must default to 00h.
Yes
0Ah
Device Configuration Register 2
Yes
0Bh
USB 2.0 Port Polarity Control Register
Yes
0Ch-0Fh
Reserved
No
10h-1Fh
UUID Byte [15:0]
No
20h-21h
LangID Byte [1:0]
Yes
22h
Serial Number Length
Yes
23h
Manufacturer String Length
Yes
24h
Product String Length
Yes
25h
Device Configuration Register 3
Yes
26h
USB 2.0 Only Port Register
Yes
27h-2Eh
Reserved
Yes
2Fh
Reserved
No
30h-4Fh
Serial Number String Byte [31:0]
Yes
50h-8Fh
Manufacturer String Byte [63:0]
Yes
90h-CFh
Product String Byte [63:0]
Yes
D0h-D4h
Reserved
Yes, but do not change default.
D5h-D7h
Reserved
No
D8h-DCh
Reserved
Yes, but do not change default.
DDh-EFh
Reserved
No
F0h
Additional Features Configuration Register
Yes
F1h-F7h
Reserved
No
F8h
SMBus Device Status and Command Register
No
F9h - FFh
Reserved
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com