Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT73C213 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT73C213
Description  Power Management for Mobiles (PM) / Audio Interface for Portable Handsets
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C213 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT73C213 Datasheet HTML 9Page - ATMEL Corporation AT73C213 Datasheet HTML 10Page - ATMEL Corporation AT73C213 Datasheet HTML 11Page - ATMEL Corporation AT73C213 Datasheet HTML 12Page - ATMEL Corporation AT73C213 Datasheet HTML 13Page - ATMEL Corporation AT73C213 Datasheet HTML 14Page - ATMEL Corporation AT73C213 Datasheet HTML 15Page - ATMEL Corporation AT73C213 Datasheet HTML 16Page - ATMEL Corporation AT73C213 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
13
2744A–PMGMT–27-Jan-
AT73C213
2744A–PMGMT–27-Jan-05
8.3
SPI Interface Timing
Figure 8-2.
SPI Timing
Thsdi
Tssen
Tc
Twl
Twh
Thsen
Tssdi
SPI_DOUT
SPI_DIN
SPI_CLK
Tdsdo
Thsdo
SPI_CSB
Table 8-1.
SPI Timing Parameters
Parameter
Description
Min
Max
Tc
SPI_CLK min period
100 ns
-
Twl
SPI_CLK min pulse width low
50 ns
-
Twh
SPI_CLK min pulse width high
50 ns
-
Tssen
Setup time SPI_CSB falling to SPI_CLK rising
50 ns
-
Thsen
Hold time SPI_CLK falling to SPI_CSB rising
50 ns
-
Tssdi
Setup time SPI_DIN valid to SPI_CLK falling
20 ns
-
Thsdi
Hold time SPI_CLK falling to SPI_DIN not valid
20 ns
-
Tdsdo
Delay time SPI_CLK rising to SPI_DOUT valid
-
20 ns
Thsdo
Hold time SPI_CLK rising to SPI_DOUT not valid
0 ns
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com