Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADF7012EB2 Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-ADF7012EB2
Description  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7012EB2 Datasheet(HTML) 4 Page - Analog Devices

  EVAL-ADF7012EB2 Datasheet HTML 1Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 2Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 3Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 4Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 5Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 6Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 7Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 8Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADF7012
Rev. 0 | Page 4 of 28
Parameter
B Version
Unit
Conditions/Comments
PHASE-LOCKED LOOP PARAMETERS
VCO Gain
315MHz
22
MHz/V typ
VCO divide-by-2 active
433MHz
24
MHz/V typ
VCO divide-by-2 active
868MHz
80
MHz/V typ
915MHz
88
MHz/V typ
VCO Tuning Range
0.3/2.0
V min/max
Spurious (IVCO Min/Max)
−65/−70
dBc
IVCO is programmable
Charge Pump Current
Setting [00]
0.3
mA typ
Refering to DB[7:6] in Function Register
Setting [01]
0.9
mA typ
Refering to DB[7:6] in Function Register
Setting [10]
1.5
mA typ
Refering to DB[7:6] in Function Register
Setting [11]
2.1
mA typ
Refering to DB[7:6] in Function Register
Phase Noise (In band)1
315MHz
−85
dBc/Hz typ
PFD = 10 MHz, 5 kHz offset, IVCO = 2 mA
433MHz
−83
dBc/Hz typ
PFD = 10 MHz, 5 kHz offset, IVCO = 2 mA
868MHz
−80
dBc/Hz typ
PFD = 10 MHz, 5 kHz offset, IVCO = 3 mA
915MHz
−80
dBc/Hz typ
PFD = 10 MHz, 5 kHz offset, IVCO = 3 mA
Phase Noise (Out of Band)1
315MHz
−103
dBc/Hz typ
PFD = 10 MHz, 1 MHz offset, IVCO = 2 mA
433MHz
−104
dBc/Hz typ
PFD = 10 MHz, 1 MHz offset, IVCO = 2 mA
868MHz
−115
dBc/Hz typ
PFD = 10 MHz, 1 MHz offset, IVCO = 3 mA
915MHz
−114
dBc/Hz typ
PFD = 10 MHz, 1 MHz offset, IVCO = 3 mA
Harmonic Content (Second)2
−20
dBc typ
FRF = FVCO
Harmonic Content (Third)2
−30
dBc typ
Harmonic Content (Others)2
−27
dBc typ
Harmonic Content (Second)2
−24
dBc typ
FRF = FVCO/N (where N = 2, 4, 8)
Harmonic Content (Third)2
−14
dBc typ
Harmonic Content (Others)2
−19
dBc typ
LOGIC INPUTS
Input High Voltage,VINH
0.7 × DVDD
V min
Input Low Voltage, VINL
0.2 × DVDD
V max
Input Current, IINH/IINL
±1
µA max
Input Capacitance, CIN
4.0
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
DVDD − 0.4
V min
CMOS output chosen
Output High Current, IOH,
500
µA max
Output Low Voltage, VOL
0.4
V max
IOL = 500 µA
1 Measurements made with NFRAC = 2048.
2 Measurements made without harmonic filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com