Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADF7012EB2 Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-ADF7012EB2
Description  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7012EB2 Datasheet(HTML) 1 Page - Analog Devices

  EVAL-ADF7012EB2 Datasheet HTML 1Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 2Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 3Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 4Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 5Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 6Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 7Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 8Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Multichannel ISM Band
FSK/GFSK/OOK/GOOK/ASK Transmitter
ADF7012
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Single-chip, low power UHF transmitter
75 MHz to 1 GHz frequency operation
Multichannel operation using Frac-N PLL
2.3 V to 3.6 V operation
On-board regulator—stable performance
Programmable output power:
−16 dBm to +14 dBm, 0.4 dB steps
Data rates: dc to 179.2 kbps
Low current consumption:
868 MHz, 10 dBm, 21 mA
433 MHz, 10 dBm, 17 mA
315 MHz, 0 dBm, 10 mA
Programmable low battery voltage indicator
24-lead TSSOP
APPLICATIONS
Low cost wireless data transfer
Security systems
RF remote controls
Wireless metering
Secure keyless entry
GENERAL DESCRIPTION
The ADF7012 is a low power FSK/GFSK/OOK/GOOK/ASK
UHF transmitter designed for short range devices (SRDs). The
output power, output channels, deviation frequency, and mod-
ulation type are programmable by using four, 32-bit registers.
The fractional-N PLL and VCO with external inductor enable
the user to select any frequency in the 75 MHz to 1 GHz band.
The fast lock times of the fractional-N PLL make the ADF7012
suitable in fast frequency hopping systems. The fine frequency
deviations available and PLL phase noise performance facilitates
narrow-band operation.
There are five selectable modulation schemes: binary frequency
shift keying (FSK), Gaussian frequency shift keying (GFSK),
binary on-off keying (OOK), Gaussian on-off keying (GOOK),
and amplitude shift keying (ASK). In the compensation register,
the output can be moved in <1 ppm steps so that indirect com-
pensation for frequency error in the crystal reference can be
made.
A simple 3-wire interface controls the registers. In power-down,
the part has a typical quiescent current of <0.1 μA.
FUNCTIONAL BLOCK DIAGRAM
SERIAL
INTERFACE
FREQUENCY
COMPENSATION
CENTER
FREQUENCY
OSC1
OSC2
L1
L2
CVCO
CLKOUT CPVDD CPGND
CREG
PRINTED
INDUCTOR
AGND
CE
LE
DATA
CLK
TxDATA
TxCLK
MUXOUT
RF GND
RSET
RFOUT
CREG
VDD
DGND
DVDD
FSK\GFSK
OOK\ASK
OOK\ASK
÷CLK
÷R
PFD/
CHARGE
PUMP
Σ-∆
+FRACTIONAL N
VCO
PLL LOCK
DETECT
MUXOUT
LDO
REGULATOR
BATTERY
MONITOR
PA
Figure 1.


Similar Part No. - EVAL-ADF7012EB2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF7012DBZ1 AD-EVAL-ADF7012DBZ1 Datasheet
937Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
EVAL-ADF7012DBZ2 AD-EVAL-ADF7012DBZ2 Datasheet
937Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
EVAL-ADF7012DBZ3 AD-EVAL-ADF7012DBZ3 Datasheet
937Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
EVAL-ADF7012DBZ4 AD-EVAL-ADF7012DBZ4 Datasheet
937Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
EVAL-ADF7012DBZ5 AD-EVAL-ADF7012DBZ5 Datasheet
937Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
More results

Similar Description - EVAL-ADF7012EB2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV.0
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV.0
logo
Micrel Semiconductor
MICRF405 MICREL-MICRF405 Datasheet
653Kb / 46P
290MHz-980MHz ISM Band ASK / FSK Transmitter
logo
Analog Devices
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
High Performance ISM Band OOK/FSK Transmitter IC
REV. A
logo
ON Semiconductor
NCV53480 ONSEMI-NCV53480 Datasheet
542Kb / 60P
Low-Power OOK/FSK/ASK ISM Band Transceiver
August, 2013 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com