Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADF7012EB3 Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-ADF7012EB3
Description  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7012EB3 Datasheet(HTML) 3 Page - Analog Devices

  EVAL-ADF7012EB3 Datasheet HTML 1Page - Analog Devices EVAL-ADF7012EB3 Datasheet HTML 2Page - Analog Devices EVAL-ADF7012EB3 Datasheet HTML 3Page - Analog Devices EVAL-ADF7012EB3 Datasheet HTML 4Page - Analog Devices EVAL-ADF7012EB3 Datasheet HTML 5Page - Analog Devices EVAL-ADF7012EB3 Datasheet HTML 6Page - Analog Devices EVAL-ADF7012EB3 Datasheet HTML 7Page - Analog Devices EVAL-ADF7012EB3 Datasheet HTML 8Page - Analog Devices EVAL-ADF7012EB3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADF7012
Rev. 0 | Page 3 of 28
SPECIFICATIONS
DVDD = 2.3 V – 3.6 V; AGND = DGND = 0 V; TA = TMIN to TMAX, unless otherwise noted. Operating temperature range is −40°C to +85°C.
Table 1.
Parameter
B Version
Unit
Conditions/Comments
RF OUTPUT CHARACTERISTICS
Operating Frequency
75/1000
MHz min/max
VCO range adjustable using external inductor;
divide-by-2, -4, -8 options may be required
Phase Frequency Detector
FRF/128
Hz min
MODULATION PARAMETERS
Data Rate FSK/GFSK
179.2
kbps
Using 1 MHz loop bandwidth
Data Rate ASK/OOK
64
Kbps
Based on US FCC 15.247 specfications for ACP; higher
data rates are achievable depending on local regulations
Deviation FSK/GFSK
PFD/214
Hz min
For example, 10 MHz PFD – deviation min = ± 610 Hz
511 × PFD/214
Hz max
For example, 10 MHz PFD – deviation max = ± 311.7 kHz
GFSK BT
0.5
typ
ASK Modulation Depth
25
dB max
OOK Feedthrough (PA Off)
−40
dBm typ
FRF = Fvco
−80
dBm typ
FRF = Fvco/2
POWER AMPLIFIER PARAMETERS
Max Power Setting, DVDD = 3.6 V
14
dBm
FRF = 915 MHz, PA is matched into 50 Ω
Max Power Setting, DVDD = 3.0 V
13.5
dBm
FRF = 915 MHz, PA is matched into 50 Ω
Max Power Setting, DVDD = 2.3 V
12.5
dBm
FRF = 915 MHz, PA is matched into 50 Ω
Max Power Setting, DVDD = 3.6 V
14.5
dBm
FRF = 433 MHz, PA is matched into 50 Ω
Max Power Setting, DVDD = 3.0 V
14
dBm
FRF = 433 MHz, PA is matched into 50 Ω
Max Power Setting, DVDD = 2.3 V
13
dBm
FRF = 433 MHz, PA is matched into 50 Ω
PA Programmability
0.4
dB typ
PA output = −20 dBm to +13 dBm
POWER SUPPLIES
DVDD
2.3/3.6
V min/V max
Current Comsumption
315 MHz, 0 dBm/5 dBm
8/14
mA typ
DVDD = 3.0 V, PA is matched into 50 Ω, IVCO = min
433 MHz, 0 dBm/10 dBm
10/18
mA typ
868 MHz, 0 dBm/10 dBm/14 dBm
14/21/32
mA typ
915 MHz, 0 dBm/10 dBm/14 dBm
16/24/35
mA typ
VCO Current Consumption
1/8
mA min/max
VCO current consumption is programmable
Crystal Oscillator Current Consumption
190
µA typ
Regulator Current Consumption
280
µA typ
Power-Down Current
0.1/1
µA typ/max
REFERENCE INPUT
Crystal Reference Frequency
3.4/26
MHz min/max
Single-Ended Reference Frequency
3.4/26
MHz min/max
Crystal Power-On Time 3.4 MHz/26 MHz
1.8/2.2
ms typ
CE to Clock Enable Valid
Single-Ended Input Level
CMOS Levels
Refer to the LOGIC INPUTS parameter. Applied to OSC 2 –
oscillator circuit disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com