Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADF7012EB3 Datasheet(PDF) 11 Page - Analog Devices

Part # EVAL-ADF7012EB3
Description  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7012EB3 Datasheet(HTML) 11 Page - Analog Devices

Back Button EVAL-ADF7012EB3 Datasheet HTML 7Page - Analog Devices EVAL-ADF7012EB3 Datasheet HTML 8Page - Analog Devices EVAL-ADF7012EB3 Datasheet HTML 9Page - Analog Devices EVAL-ADF7012EB3 Datasheet HTML 10Page - Analog Devices EVAL-ADF7012EB3 Datasheet HTML 11Page - Analog Devices EVAL-ADF7012EB3 Datasheet HTML 12Page - Analog Devices EVAL-ADF7012EB3 Datasheet HTML 13Page - Analog Devices EVAL-ADF7012EB3 Datasheet HTML 14Page - Analog Devices EVAL-ADF7012EB3 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADF7012
Rev. 0 | Page 11 of 28
915 MHZ
PHASE NOISE (Hz)
–40
–60
–80
–100
–120
–140
–160
–180
–200
1.0k
10.0k
100.0k
1.0M
10.0M
= NORMAL
FREQUENCY = 992.38 kHz
LEVEL = –102.34dBc/Hz
Figure 21. Phase Noise Response–ICP = 1.44 mA, IVCO = 3.0 mA, RFOUT = 915.2
MHz, PFD =10 MHz, Power = 10 dBm, PA Bias = 5.5 mA
15
–10
0
10
–40
–30
–20
–60
–70
–80
–50
–85
1MA
CENTER 915.190982MHz
50kHz/
SPAN 500kHz
REF LVL
15dBm
3.88dBm
915.19098196MHz
40dB
dBm
RF ATT
UNIT
10kHz
300kHz
15ms
RBW
VBW
SWT
A
1
1MAX
Figure 22. FSK Modulation, Power = 10 dBm, Data Rate = 38.4 kbps,
Fdeviation = ±19.2 kHz
15
–10
0
10
–40
–30
–20
–60
–70
–80
–50
–85
1MA
SGL
CENTER 915.2MHz
40MHz/
SPAN 400MHz
REF LVL
15dBm
9.94dBm
915.23167977MHz
40dB
dBm
RF ATT
UNIT
10kHz
300kHz
100ms
RBW
VBW
SWT
A
*
1
D1 –49.5dBm
D1 –41.5dBm
Figure 23. Spurious Components—Meets FCC Specs
15
–10
0
10
–40
–30
–20
–60
–70
–80
–50
–85
1MA
1
CENTER 3.8GHz
640MHz/
SPAN 6.4GHz
REF LVL
15dBm
10.25dBm
907.81563126MHz
40dB
dBm
RF ATT
UNIT
50MHz
50MHz
6.4s
RBW
VBW
SWT
A
D1 –41.5dBm
2
3
4
2 [T1]
1 [T1]
10.25dBm
907.81563126MHz
–10.06dBm
1.83126253GHz
3 [T1]
4 [T1]
–20.29dBm
2.74188377GHz
–17.50dBm
3.65250501GHz
1MAX
Figure 24. Harmonic Response, RFOUT Matched to 50
Ω, No Filter
15
–10
0
10
–40
–30
–20
–60
–70
–80
–50
–85
1MA
1
CENTER 3.8GHz
640MHz/
SPAN 6.4GHz
REF LVL
15dBm
9.06dBm
907.81563126MHz
40dB
dBm
RF ATT
UNIT
50MHz
50MHz
6.4s
RBW
VBW
SWT
A
D1 –41.5dBm
2
3
4
2 [T1]
1 [T1]
9.06dBm
907.81563126MHz
–48.40dBm
1.83126253GHz
3 [T1]
4 [T1]
–46.22dBm
2.74188377GHz
–46.96dBm
3.65250501GHz
1MAX
Figure 25. Harmonic Response, Fifth-Order Chebyshev Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com