Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC8151 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8151
Description  2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8151 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8151 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
12/1/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8151
2.488Gb/s SONET/SDH
STS-48/STM-16 Section Terminator
G52225-0, Rev. 2.9
Features
General Description
The VSC8151 is a 2.488Gb/s Section Termination device which both monitors and modifies the section and
line overhead of a received SONET/SDH signal, and can generate AIS-L maintenance signals for trouble sec-
tionalization. These features allow all section termination requirements to be supported for Operations, Admin-
istration, Management, and Provisioning (OAM&P) functions in SONET/SDH terminal and optical networking
applications. An integrated 2.488Gb/s serial transceiver isolates the SONET/SDH signal interface, allowing
protocol information to be exchanged with programmable logic using a low-speed TTL interface.
VSC8151 Functional Block Diagram
NOTE: References (R#-#) or (O#-#) refer to the SONET requirement or option specification listed in
Bellcore document GR-253 CORE Issue 2, Rev. 2, January 1999.
Functional Overview
The VSC8151 is divided into two logic sections, a monitoring section and a modification section, each
interfaced externally through both 2.5Gb/s serial interfaces as well as 16-bit parallel interfaces. Incoming
• Integrated 2.488Gb/s Transceiver
• SONET/SDH Transport Overhead Output
• SONET/SDH Transport Overhead Modification
• B1 Error Detection, Re-calculation, and Insertion
• Support for Multiple SONET/SDH Rates
• LOF/SEF Alarm Generation
• Section & Line AIS Insertion
• 50
Ω Source Terminated 2.488Gb/s I/O
1:8
DMX
FRAMING
CONTROL
& ALARM
DETECTION
RXSIN+/-
RXSCLKIN+/-
DESCRAMBLER
RXSEF
RXFPOUT
RXFRERR
RXLOF
B1
MONITOR
OVERHEAD
OUTPUT
RXOHCLK
RXOHOUT[7:0]
OVERHEAD
INPUT &
INTERNAL
CONTROL
TXOHIN[7:0]
AIS
GENERATION
SCRAMBLER
& B1 CALC
8:1
MUX
TXSCLKOUT+/-
TXSOUT+/-
TXPOUT[15:0]
POUTCLK
TXFPOUT
LOS
SYSRST
TXSCLKIN+/-
ASSEMBLER
TXWRENA
TXOHWI
POUTCLK
RXPIN[15:0]
TXADDR[5:0]
RXPIN[7:0]


Similar Part No. - VSC8151

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8150 VITESSE-VSC8150 Datasheet
164Kb / 20P
2.488Gb/s SONET/SDH Overhead Monitor
VSC8150QQ VITESSE-VSC8150QQ Datasheet
164Kb / 20P
2.488Gb/s SONET/SDH Overhead Monitor
More results

Similar Description - VSC8151

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8150 VITESSE-VSC8150 Datasheet
164Kb / 20P
2.488Gb/s SONET/SDH Overhead Monitor
logo
Exar Corporation
XRT91L82 EXAR-XRT91L82 Datasheet
391Kb / 59P
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS4805 AMCC-CS4805 Datasheet
90Kb / 3P
SONET/SDH STS-48/STM-16 Framer/Pointer Processor
logo
List of Unclassifed Man...
S4806CBI ETC1-S4806CBI Datasheet
61Kb / 4P
STS-48/STM-16 SONET/SDH Framer and ATM/POS Mapper
logo
Exar Corporation
XRT91L30_0611 EXAR-XRT91L30_0611 Datasheet
694Kb / 39P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
logo
Silicon Laboratories
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Exar Corporation
XRT91L31IQ-F EXAR-XRT91L31IQ-F Datasheet
832Kb / 41P
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com