Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FC9056 Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FC9056
Description  1A Stand alone Linear Li-Ion Battery Charger with Thermal Regulation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9056 Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FC9056 Datasheet HTML 1Page - First Silicon Co., Ltd FC9056 Datasheet HTML 2Page - First Silicon Co., Ltd FC9056 Datasheet HTML 3Page - First Silicon Co., Ltd FC9056 Datasheet HTML 4Page - First Silicon Co., Ltd FC9056 Datasheet HTML 5Page - First Silicon Co., Ltd FC9056 Datasheet HTML 6Page - First Silicon Co., Ltd FC9056 Datasheet HTML 7Page - First Silicon Co., Ltd FC9056 Datasheet HTML 8Page - First Silicon Co., Ltd FC9056 Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Func�on Descrip�on
Precharge Current
The FC9056 is a linear charger circuit specially designed for
single cell lithium-ion ba�eries. When the FC9056 is
powered with a ba�ery connected, the IC first detects if the
cell voltage is ready for full charge current. If the cell voltage
is less than the prequal level (3V typ), the ba�ery is
precharged with a 55mA current un�l the cell reaches the
proper level. The full charging current, as set by PROG pin, is
then applied
Soft-Start
The FC9056 includes a soft-start function to control the rise rate
of the charging current rising from zero to the fast-charging
current level in constant current mode. During charger soft-start,
the FC9056 ramps up the voltage on PROG pin with constant
well-controlled slew rate. The charging current is proportional to
the PROG voltage. The soft-start time is 20us (typical), which is
independent of the fast-charging current level.
Charging Current Se�ng
The charge current is programmed by using a resistor from
the PROG pin to the ground. The ba�ery charge current is
1000 �mes the current out of the PROG pin. The ba�ery
charge current is calculated by the following equa�on:
ICHG=VPROG*1000/RPROG
Where VPROG is PROG regula�on voltage (nominal=1V). The
charging current set factor and the PROG regula�on voltage
are shown in the Electrical Characteris�cs. The PROG
regula�on voltage is reduced by thermal regula�on func�on.
Battery Full Indication
Current mode charging stopped when Ibat falls to 10% of the
current set by RPROG and the charger is in voltage mode. After
the FC9056 stopped current mode charging, it keeps operating in
voltage mode without turning off the charger. When the PROG
pin's voltage down to 100mv over 2ms, the charger will stop
operating and the Vcc current down to 55uA.
Charge Status Outputs
The open-drain CHRG and STDBY outputs can be used to drive
LED indicate four charger operations are shown in Table 1.
Charge state
Red LED
(
CHRG)
Greed
LED(STDBY)
charging
bright
extinguish
Charge Termination
extinguish
bright
Vin too low;
Temperature of
battery too low or
too high; no battery
extinguish
extinguish
BAT PIN Connect
10u Capacitance;
No battery
Extinguish
(T=1-4s)
Table1
External Thermistor Monitor (TEMP)
The FC9056 con�nuously detects the ba�ery temperature
by measuring the TEMP pin voltage. A NTC or PTC thermistor
can parallel with R2 to deviate the TEMP pin voltage.
Internal of FC9056, Vlow is preset to 45%*Vcc, Vhigh is
preset to 80%*Vcc, The normal temperature voltage is,
above Vlow and below Vhigh. The TEMP Pin voltage must be
within normal temperature voltage range, and then FC9056
can start working normally. If the TEMP pin voltage above
Vhigh or below Vlow, it means the temperature of the
ba�ery is too high or too low, the charger will be turn off.
The R1 and R2 can be derived from following equa�ons:
For NTC Thermistors:
2
1
th
tl
1
2
th
tl
k
*
K
*
)
R
R
(
)
K
K
(
*
R
*
R
1
R
−
−
=
)
k
*
k
K
(
R
)
K
*
K
K
(
*
R
)
K
K
(
*
R
*
R
2
R
2
1
2
th
2
1
1
tl
1
2
th
tl
−
−
−
−
=
For PTC Thermistors:
2
1
tl
th
1
2
th
tl
k
*
K
*
)
R
R
(
)
K
K
(
*
R
*
R
1
R
−
−
=
2018. 05. 15
6/9
Revision No : 0
FC9056
1A Stand alone Linear Li-Ion Battery Charger with Thermal Regulation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com