Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FC9056 Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FC9056
Description  1A Stand alone Linear Li-Ion Battery Charger with Thermal Regulation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9056 Datasheet(HTML) 7 Page - First Silicon Co., Ltd

  FC9056 Datasheet HTML 1Page - First Silicon Co., Ltd FC9056 Datasheet HTML 2Page - First Silicon Co., Ltd FC9056 Datasheet HTML 3Page - First Silicon Co., Ltd FC9056 Datasheet HTML 4Page - First Silicon Co., Ltd FC9056 Datasheet HTML 5Page - First Silicon Co., Ltd FC9056 Datasheet HTML 6Page - First Silicon Co., Ltd FC9056 Datasheet HTML 7Page - First Silicon Co., Ltd FC9056 Datasheet HTML 8Page - First Silicon Co., Ltd FC9056 Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
)
k
*
k
K
(
R
)
K
*
K
K
(
*
R
)
K
K
(
*
R
*
R
2
R
2
1
2
tl
2
1
1
th
1
2
th
tl
=
Where
Rtl is the resistance value in lowest desired opera�on
temperature and Rth is the resistance value in highest
desired opera�on temperature, K1 is 0.45, K2 is 0.8. The
resistances of thermistors are specified by the thermistor
manufacturer. If the temperature monitoring func�on is not
desired, there's an easy method to connect TEMP pin to
GND to disable this func�on.
Increase the heat regulating current
Reduce the voltage drop across the internal MOSFET can
significantly reduce the power consump�on of the IC.
During thermal regula�on, this has an increased current
supplied to the ba�ery. One strategy is accomplished by an
external element (e.g., a resistor or a diode) will be part of
the power consump�on.
Example: FC9056 is powered by a 5v AC adapter, it charge to
one with a 3.75V voltage lithium-ion ba�ery, and set the
full-scale charge current 800mA by programming. Assuming
θJA is 125 ℃/W, at 25 ℃ ambient temperature condi�ons,
the charging current is approximately:
IBAT
Increase the voltage across the resistor in series with a 5V
AC adapter(Figure 3), the on-chip power dissipa�on can be
reduced, thereby increasing the heat regula�ng current:
IBAT S BATRCC BAT JA
Figure 3: One kind of maximizing charge current thermal
regula�on circuit mode
Use the quadra�c equa�on can be obtained IBAT
IBAT VS BAT VS BAT 4R
CC
A
θJA
2RCC
Take RCC=0.25Ω , VS=5V , VBAT=3.75V , TA=25℃ , and
θJA=125℃/W,we can calculate the heat adjustment charge
current: IBAT = 948mA. The results shows that the structure
can be full scale output 800mA charging current at higher
ambient temperatures.
Although this applica�on can deliver more energy to the
ba�ery in heat regula�ng mode and shorten the charging
�me, But in voltage mode, if VCC becomes low enough
leaving FC9056 state at low voltage drop, It is actually
possible to extend the charging �me. Figure 4 shows how
the circuit becomes large as the RCC resul�ng voltage drop.
When in order to maintain a smaller component size and to
avoid voltage drop leaving the RCC values minimized, this
technology can play a role in the best. Keep in mind: you
should select a sufficient power handling capability resistor.
Figure 4: Charging current rela�onship with the RCC curve
Automatic restart
Once the charge cycle is terminated, FC9056 immediately
adopt a comparator with 1.8ms filter �me con�nuously
monitor the BAT pin voltage. When the ba�ery voltage
drops below 4.05V or less (Generally corresponding to the
ba�ery capacity from 80 to 90%), charging cycle restart.
This ensures that the battery is maintained at (or near) a
full charge state, and eliminates the periodic need to
1A Stand alone Linear Li-Ion Battery Charger with Thermal Regulation
2018. 05. 15
7/9
Revision No : 0
FC9056



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com