Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMLPF16082G5WM0T29 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # AMLPF16082G5WM0T29
Description  Low Profile Thickness
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

AMLPF16082G5WM0T29 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  AMLPF16082G5WM0T29 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION AMLPF16082G5WM0T29 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION AMLPF16082G5WM0T29 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION AMLPF16082G5WM0T29 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION AMLPF16082G5WM0T29 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION AMLPF16082G5WM0T29 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Approval sheet
Page 2 of 6
ASC_AMLPF16082G5WM0T29_V01
Jul. 2018
FEATURES
1.
Miniature footprint: 1.6X 0.8 X 0.6 mm
3
2.
Low Profile Thickness
3.
Low Insertion loss
4.
High Rejection Rate
5.
High attenuation on 2
nd harmonic suppressed
6.
LTCC process
APPLICATIONS
1.
LTE、B40/B41 band RF applications
2.
Bluetooth, Wireless LAN 802.11b/g, HomeRF
CONSTRUCTION
Top view
DIMENSIONS
Figure
Symbol
Dimension (mm)
L
1.60 ± 0.10
W
0.80 ± 0.10
T
0.60 ± 0.10
A
0.175± 0.10
B
0.25 ± 0.10
C
0.25 ± 0.10
D
0.50 ± 0.10
E
0.15 ± 0.10
PIN
Definition
PIN
Definition
P1
GND
P4
GND
P2
IN
P5
OUT
P3
GND
P6
GND
P4
P5
P1
P6
P2
P3
Top view
Bottom view
Side view



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com