Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMLPF16082G5WM0T29 Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # AMLPF16082G5WM0T29
Description  Low Profile Thickness
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

AMLPF16082G5WM0T29 Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  AMLPF16082G5WM0T29 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION AMLPF16082G5WM0T29 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION AMLPF16082G5WM0T29 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION AMLPF16082G5WM0T29 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION AMLPF16082G5WM0T29 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION AMLPF16082G5WM0T29 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Approval sheet
Page 3 of 6
ASC_AMLPF16082G5WM0T29_V01
Jul. 2018
ELECTRICAL CHARACTERISTICS
AMLPF16082G5WM0T29
Specification
Frequency range
2300~2690 MHz
Insertion Loss
0.9 dB max. (typ. 0.4 dB) at +25
C
1.2 dB max. at -55
C~ +125 C
Attenuation
25dB min. @ 4600~5400 MHz
23dB min. @ 6900~8070 MHz
VSWR
2 max.
Impedance
50 Ω
Moisture sensitivity levels
MSL is LEVEL 1 (Refer to : IPC/JEDEC J-STD-020)
Operating & Storage Condition (Component)
Operation Temperature Range: -55
C ~ +125C
Storage Temperature Range: -55
C ~ +125C
Storage Condition before Soldering (Included packaging material)
Storage Temperature Range: +5 ~ +40 ℃
Humidity: 30 to 70% relative humidity
Typical Electrical Chart
LAND PATTERN
Figure
Unit : mm
Line width to be designed to match 50 Ω characteristic impedance, depending on PCB material and thickness.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com