Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXSP10N60B2D1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXSP10N60B2D1
Description  High Speed IGBT with Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSP10N60B2D1 Datasheet(HTML) 1 Page - IXYS Corporation

  IXSP10N60B2D1 Datasheet HTML 1Page - IXYS Corporation IXSP10N60B2D1 Datasheet HTML 2Page - IXYS Corporation IXSP10N60B2D1 Datasheet HTML 3Page - IXYS Corporation IXSP10N60B2D1 Datasheet HTML 4Page - IXYS Corporation IXSP10N60B2D1 Datasheet HTML 5Page - IXYS Corporation IXSP10N60B2D1 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS99193A(10/04)
Features
• International standard packages
• Guaranteed Short Circuit SOA
capability
• Low V
CE(sat)
- for low on-state conduction losses
• High current handling capability
• MOS Gate turn-on
- drive simplicity
• Fast fall time for switching speeds
up to 20 kHz
Applications
• AC motor speed control
• Uninterruptible power supplies (UPS)
• Welding
Advantages
• High power density
IXSA 10N60B2D1
IXSP 10N60B2D1
High Speed IGBT
with Diode
Short Circuit SOA Capability
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J = 25°C to 150°C
600
V
V
CGR
T
J = 25°C to 150°C; RGE = 1 MΩ
600
V
V
GES
Continuous
± 20
V
V
GEM
Transient
± 30
V
I
C25
T
C = 25°C20
A
I
C110
T
C = 110°C10
A
I
F(110)
11
A
I
CM
T
C = 25°C, 1 ms
30
A
SSOA
V
GE = 15 V, TJ = 125°C, RG = 82Ω
I
CM = 20
A
(RBSOA)
Clamped inductive load, V
GE = 20 V
@ 0.8 V
CES
t
SC
V
GE = 15 V, VCE = 360 V, TJ = 125°C
10
µs
(SCSOA)
R
G = 150 Ω, non repetitive
P
C
T
C = 25°C
100
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Plastic Body
t = 10s
250
°C
M
d
Mounting torque
(TO-220)
1.3/10 Nm/lb. in
Weight
2
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
GE(th)
I
C
= 750
µA, V
CE = VGE
4.0
7.0
V
I
CES
V
CE = VCES
75
µA
V
GE = 0 V
200
µA
I
GES
V
CE = 0 V, VGE = ± 20 V
± 100
nA
V
CE(sat)
I
C
= 10A, V
GE = 15 V
2.5
V
Preliminary Data Sheet
V
CES
= 600 V
I
C25
= 20 A
V
CE(sat) =
2.5 V
G = Gate
C = Collector
E = Emitter
TAB = Collector
G C E
TO-220AB (IXSP)
D1
© 2004 IXYS All rights reserved
C (TAB)
C (TAB)
G
E
TO-263 (IXSA)


Similar Part No. - IXSP10N60B2D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSP15N120B IXYS-IXSP15N120B Datasheet
84Kb / 2P
S Series - Improved SCSOA Capability
IXSP16N60 IXYS-IXSP16N60 Datasheet
48Kb / 2P
Low V CE(sat) IGBT - Short Circuit SOA Capability
More results

Similar Description - IXSP10N60B2D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH25N100U1 IXYS-IXGH25N100U1 Datasheet
315Kb / 6P
High speed IGBT with Diode
IXGH17N100U1 IXYS-IXGH17N100U1 Datasheet
113Kb / 6P
Low VCE(sat) IGBT with Diode High speed IGBT with Diode
IXGH15N120BD1 IXYS-IXGH15N120BD1 Datasheet
56Kb / 2P
Low VCE(sat) IGBT with Diode High Speed IGBT with Diode
IXGH12N100 IXYS-IXGH12N100 Datasheet
151Kb / 5P
Low VCE(sat) IGBT with Diode High Speed IGBT with Diode
IXSH30N60BD1 IXYS-IXSH30N60BD1 Datasheet
119Kb / 5P
High Speed IGBT with Diode
IXGH10N60U1 IXYS-IXGH10N60U1 Datasheet
110Kb / 6P
Low VCE(sat) IGBT with Diode, High speed IGBT with Diode Combi Packs
IXGH10N100U1 IXYS-IXGH10N100U1 Datasheet
121Kb / 6P
Low VCE(sat) IGBT with Diode, High speed IGBT with Diode
IXSH20N60U1 IXYS-IXSH20N60U1 Datasheet
112Kb / 6P
Low VCE(sat) IGBT with Diode, High Speed IGBT with Diode
IXSH30N60B2D1 IXYS-IXSH30N60B2D1 Datasheet
522Kb / 6P
High Speed IGBT with Diode
IXGR50N90B2D1 IXYS-IXGR50N90B2D1 Datasheet
222Kb / 6P
B2-Class High Speed IGBT with Fast Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com