Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXSP10N60B2D1 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXSP10N60B2D1
Description  High Speed IGBT with Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSP10N60B2D1 Datasheet(HTML) 6 Page - IXYS Corporation

  IXSP10N60B2D1 Datasheet HTML 1Page - IXYS Corporation IXSP10N60B2D1 Datasheet HTML 2Page - IXYS Corporation IXSP10N60B2D1 Datasheet HTML 3Page - IXYS Corporation IXSP10N60B2D1 Datasheet HTML 4Page - IXYS Corporation IXSP10N60B2D1 Datasheet HTML 5Page - IXYS Corporation IXSP10N60B2D1 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXSA 10N60B2D1
IXSP 10N60B2D1
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,381,025
6,162,665
6,306,728 B1 6,534,343
6,683,344
one or moreof the following U.S. patents:
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,486,715
6,259,123B1 6,404,065B1 6,583,505
6,710,405B2
IXYS reserves the right to change limits, test conditions, and dimensions.
Fig. 20. Peak reverse current I
RM
versus -di
F/dt
Fig. 19. Reverse recovery charge Q
r
versus -di
F/dt
Fig. 18. Forward current I
F versus VF
Fig. 21. Dynamic parameters Q
r, IRM
versus T
VJ
Fig. 22. Recovery time t
rr versus -diF/dt
Fig. 23. Peak forward voltage V
FR and
t
fr versus diF/dt
Fig. 24. Transient thermal resistance junction-to-case
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
1.449
0.0052
2
0.5578
0.0003
3
0.4931
0.0169
NOTE: Fig. 19 to Fig. 23 shows typical values
200
600
1000
0400
800
40
60
80
100
0.00001
0.0001
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
040
80
120
160
0.0
0.5
1.0
1.5
2.0
K
f
T
VJ
C
-di
F/dt
t
s
K/W
0
200
400
600
800 1000
0
20
40
60
0.0
0.1
0.2
0.3
V
FR
di
F/dt
V
200
600
1000
0400
800
0
2
4
6
8
10
100
1000
0
50
100
150
200
250
0123
0
5
10
15
20
25
30
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/
µs
A
V
nC
A/
µs
A/
µs
t
rr
ns
t
fr
Z
thJC
A/
µs
µs
T
VJ = 150°C
T
VJ = 100°C
T
VJ = 25°C
I
RM
Q
r
V
FR
T
VJ = 100°C
V
R = 300 V
T
VJ = 100°C
V
R = 300 V
T
VJ = 100°C
V
R = 300 V
DSEP 8-06B
t
fr
I
F =
5 A
I
F = 10 A
I
F = 20 A
I
F =
5 A
I
F = 10 A
I
F = 20 A
I
F =
5 A
I
F = 10 A
I
F = 20 A
T
VJ = 100°C
I
F = 10 A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com