Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WF04R4R70CTLS Datasheet(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF04R4R70CTLS
Description  Low resistance with superior pulse withstand ability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF04R4R70CTLS Datasheet(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

Back Button WF04R4R70CTLS Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF04R4R70CTLS Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF04R4R70CTLS Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF04R4R70CTLS Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF04R4R70CTLS Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF04R4R70CTLS Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF04R4R70CTLS Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION WF04R4R70CTLS Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION WF04R4R70CTLS Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Approval Sheet
Page 7 of 11
ASC_WFxxS V01
Aug - 2018
CATALOGUE NUMBERS
The resistors have a catalogue number starting with.
WF06
Q/R
xxxx
B
T
L
S
Size code
WF12: 1206
WF08: 0805
WF06: 0603
WF04: 0402
Type code
Q: TCR = 25 ppm
R: TCR = 25 ppm
High Power
T: TCR = 25 ppm
U: TCR = 25 ppm
Normal Power
Resistance code
220
=2200
20
 =20R0
4.7
 =4R70
Tolerance
B :
0.10%
C :
0.25%
D :
0.50%
F :
1.00%
Packaging code
T : 7
” Reel taping
Termination code
L = lead free
Special code
S :Pulse
withstanding
1. Reeled tape packaging: 8mm width paper taping.
5,000pcs/reel for WF12_S, WF08_S, WF06_S,
10,000pcs/reel for WF04_S;



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com