Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WF04R4R70CTLS Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF04R4R70CTLS
Description  Low resistance with superior pulse withstand ability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF04R4R70CTLS Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WF04R4R70CTLS Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF04R4R70CTLS Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF04R4R70CTLS Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF04R4R70CTLS Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF04R4R70CTLS Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF04R4R70CTLS Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF04R4R70CTLS Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF04R4R70CTLS Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF04R4R70CTLS Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Approval Sheet
Page 3 of 11
ASC_WFxxS V01
Aug - 2018
Item
General Specification
Series No.
WF12 Q/R_S
WF08 Q/R_S
WF06 Q/R_S
WF04 T/U_S
Size Code
1206
( 3216 )
0805
( 2012 )
0603
( 1608 )
0402
(1005)
Resistance Tolerance
1.0%, 0.5%, 0.25%, 0.1%
Resistance Range
1
 ~ 30
1
 ~ 20
1
 ~ 20
1
 ~ 20
TCR (ppm/
C)
50 ppm/C/ 25 ppm/C
25 ppm/C : 4.7~20
50 ppm/C : 1 ~ 20
25 ppm/C : 4.7~20
50 ppm/C : 1 ~ 20
Max. Dissipation at
Tamb=70C
1/4W
1/8W
1/10W
1/16W
Max. Operating
Voltage
200V
150V
75V
25V
Max. Overload
Voltage
400V
300V
150V
50V
Operating
Temperature
- 55~ +155C
QUICK REFERENCE DATA
Note :
1.
This is the maximum voltage that may be conti
nuously supplied to the resistor element, see “IEC publication
60115-
8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Pow er
Rated
RCWV
or Max. RCWV listed above, whichever is lower.
3.
1
 ~ 20 for 0603/0402 : TCR 25 ppm/ is upon requested.
DIMENSIONS :(unit:mm)
Type
WF12Q/R_S
WF08Q/R_S
WF06Q/R_S
WF04T/U_S
L
3.05
 0.15
2.00
 0.10
1.55
 0.10
1.00
 0.10
W
1.55
 0.15
1.25
 0.10
0.80
 0.10
0.50
 0.05
A
0.40
 0.20
0.25
 0.20
0.25
 0.15
0.30
 0.15
B
0.40
 0.20
0.40
 0.20
0.30
 0.15
0.30
 0.15
t
0.55
 0.15
0.50
 0.15
0.45
 0.15
0.35
 0.05
Protective coat
Resistive layer
End termination
Ceramic Substrate
t
B
A
T
W
L
1001



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com