Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WR06X100_FQL Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # WR06X100_FQL
Description  Thick Film General Purpose Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR06X100_FQL Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  WR06X100_FQL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR06X100_FQL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR06X100_FQL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR06X100_FQL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR06X100_FQL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR06X100_FQL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR06X100_FQL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WR06X100_FQL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WR06X100_FQL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Approval sheet
Page 4 of 10
ASC_WR_V24
SEP 2016
MARKING
Size \ Nr. Of digit of code\tolerance
5%
1%
1206 (3216)
3-digits marking
4-digits marking
0805 (2012)
3-digits marking
4-digits marking
0603 (1608)
3-digits marking
3-digits marking
0402(1005)
N0 MARKING
3-digits marking(
5% : 1206 & 0805 & 0603 )
Each resistor is marked with a three digits code on the protective coating to designate the nominal resistance value.
3-digits marking(
1% : 0603)
Nominal resistance
Description
1.E-24 series
As 0603 WR06X
5%.
2.E-96 series
The 1st two digit codes are referring to the CODE on the table, the 3rd code is the index of resistance
value :
Y=10
-2,X=10-1,A=100,B=101,C=102,D=103,E=104,F=105
EX :
17.8Ω=25X,178Ω=25A,1K78 =25B
17K8=25C, 178K=25D, 1M78=25E
3. Remark
There is no marking for the items are not under E-24 and E-96 series
CODE
R_value
CODE
R_value
CODE
R_Value
CODE
R_value
CODE
R_value
CODE
R_value
CODE
R_value
CODE
R_value
01
100
13
133
25
178
37
237
49
316
61
422
73
562
85
750
02
102
14
137
26
182
38
243
50
324
62
432
74
576
86
768
03
105
15
140
27
187
39
249
51
332
63
442
75
590
87
787
04
107
16
143
28
191
40
255
52
340
64
453
76
604
88
806
05
110
17
147
29
196
41
261
53
348
65
464
77
619
89
825
06
113
18
150
30
200
42
267
54
357
66
475
78
634
90
845
07
115
19
154
31
205
43
274
55
365
67
487
79
649
91
866
08
118
20
158
32
210
44
280
56
374
68
499
80
665
92
887
09
121
21
162
33
215
45
287
57
383
69
511
81
681
93
909
10
124
22
165
34
221
46
294
58
392
70
523
82
698
94
931
11
127
23
169
35
226
47
301
59
402
71
536
83
715
95
953
12
130
24
174
36
232
48
309
60
412
72
549
84
732
96
976
4-digits marking(1% : 1206/0805)
Each resistor is marked with a four digits code on the protective coating to designate the nominal resistance value.
Example
RESISTANCE
10
12
100
6800
47000
3-digits marking(1206 & 0805 & 0603
5% )
100
120
101
682
473
4-digits marking
10R0
12R0
1000
6801
4702



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com