Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WR06X100_FQL Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WR06X100_FQL
Description  Thick Film General Purpose Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR06X100_FQL Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WR06X100_FQL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR06X100_FQL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR06X100_FQL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR06X100_FQL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR06X100_FQL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR06X100_FQL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR06X100_FQL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WR06X100_FQL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WR06X100_FQL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Approval sheet
Page 3 of 10
ASC_WR_V24
SEP 2016
QUICK REFERENCE DATA
Item
General Specification
Series No.
WR12
WR08
WR06
WR04
Size code
1206(3216)
0805(2012)
0603(1608)
0402(1005)
Resistance Range
1
~10M (5% tolerance), Jumper
1
~10M (1% tolerance),
Resistance Tolerance
1%
E96/E24
5%
E24
1%
E96/E24
5%
E24
1%
E96/E24
5%
E24
1%
E96/E24
5%
E24
TCR (ppm/
C)
10M
 R>10
R
10
  100
-200~+400
Max. dissipation
@ Tamb=70C
1/4 W
1/8 W
1/10 W
1/16 W
Max. Operation
Voltage (DC or RMS)
200V
150V
75V
50V
Max. Overload
Voltage (DC or RMS)
400V
300V
150V
100V
Climatic category
55/155/56
Note :
1.
This is the maximum voltage that may be continuously supplied to the resistor e
lement, see “IEC publication
60115-
8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
or Max. RCWV listed above, whichever is lower.
3.
The resistance of Jumper is defined <0.05
.
DIMENSIONS (unit : mm)
WR12
WR08
WR06
WR04
L
3.10
 0.10
2.00
 0.10
1.60
 0.10
1.00
 0.05
W
1.60
 0.10
1.25
 0.10
0.80
 0.10
0.50
 0.05
T
0.60
 0.15
0.50
 0.15
0.45
 0.15
0.35
 0.05
Tb
0.45
 0.20
0.40
 0.20
0.30
 0.15
0.25
 0.10
Tt
0.50
 0.20
0.40
 0.20
0.30
 0.10
0.20
 0.10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com