| Electronic Components Datasheet Search |
|
IDTCSPT857APAI Datasheet(PDF) 3 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
IDTCSPT857APAI Datasheet(HTML) 3 Page - Integrated Device Technology |
|
3 / 12 page ![]() 3 IDTCSPT857/A 2.5V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER COMMERCIALANDINDUSTRIALTEMPERATURERANGES VDDQ GND 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 48 32 31 30 29 1 VDDQ VDDQ GND 25 26 27 28 GND Y5 Y5 GND Y0 Y0 Y1 Y1 GND Y2 Y2 CLK CLK AVDD Y3 Y3 VDDQ Y4 Y6 Y6 GND Y7 Y7 PWRDWN FBIN FBIN VDDQ FBOUT FBOUT Y8 Y8 VDDQ Y9 Y9 GND GND GND Y4 GND VDDQ VDDQ VDDQ AGND PIN CONFIGURATION TSSOP TOP VIEW ABSOLUTE MAXIMUM RATINGS(1) Symbol Rating Max Unit VDDQ, AVDD SupplyVoltageRange –0.5 to +3.6 V VI(2) InputVoltageRange –0.5 to VDDQ + 0.5 V VO(2) Voltagerangeappliedtoany –0.5 to VDDQ + 0.5 V outputinthehighorlowstate IIK InputClampCurrent –50 mA (VI <0) IOK OutputClampCurrent ±50 mA (VO <0 or VO > VDDQ) IO ContinuousOutputCurrent ±50 mA (VO =0 to VDDQ) VDDQ or GND ContinuousCurrent ±100 mA TSTG StorageTemperatureRange – 65 to +150 °C NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 3. The maximum package power dissipation is calculated using a junction temperature of 150 °C and a board trace length of 750 mils. CAPACITANCE(1) Parameter Description Min. Typ. Max. Unit CIN InputCapacitance 2.5 — 3.5 pF VI = VDDQ or GND CI(∆) DeltaInputCapacitance -0.25 — 0.25 pF VI = VDDQ or GND CL LoadCapacitance — 14 — pF NOTE: 1. Unused inputs must be held high or low to prevent them from floating. RECOMMENDED OPERATING CONDITIONS CSPT857 CSPT857A Symbol Parameter Min. Typ. Max. Min. Typ. Max. Unit AVDD SupplyVoltage VDDQ VDDQ–0.12 VDDQ 2.7 V VDDQ I/O Supply Voltage 2.3 2.5 2.7 2.3 2.5 2.7 V TA OperatingFree-AirTemperature -40 +85 0 +70 °C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |