Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDTCSPT857APAI Datasheet(PDF) 12 Page - Integrated Device Technology

Part # IDTCSPT857APAI
Description  2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCSPT857APAI Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button IDTCSPT857APAI Datasheet HTML 4Page - Integrated Device Technology IDTCSPT857APAI Datasheet HTML 5Page - Integrated Device Technology IDTCSPT857APAI Datasheet HTML 6Page - Integrated Device Technology IDTCSPT857APAI Datasheet HTML 7Page - Integrated Device Technology IDTCSPT857APAI Datasheet HTML 8Page - Integrated Device Technology IDTCSPT857APAI Datasheet HTML 9Page - Integrated Device Technology IDTCSPT857APAI Datasheet HTML 10Page - Integrated Device Technology IDTCSPT857APAI Datasheet HTML 11Page - Integrated Device Technology IDTCSPT857APAI Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDTCSPT857/A
2.5V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
ORDERING INFORMATION
IDTCSPT
XXXXX
XX
Package
Device Type
857
857A
PA
BV
Thin Shrink Small Outline Package
Very Fine Pitch Ball Grid Array
2.5V PLL Differential 1:10 SDRAM Clock Driver
Process
Blank
I
0°C to +70°C (Commercial, A speed only)
-40°C to +85°C (Industrial, Std. speed only)
X
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com