Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WF10C1000TTL Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10C1000TTL
Description  High Precision Thin Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10C1000TTL Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WF10C1000TTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10C1000TTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10C1000TTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10C1000TTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10C1000TTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10C1000TTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10C1000TTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF10C1000TTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF10C1000TTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Approval Sheet
Page 3 of 10
ASC_WFxxC
MAR 2018
QUICK REFERENCE DATA
Item
General Specification
Series No.
WF25C
WF20C
WF10C
WF12C
WF08C
WF06C
WF04C
Size Code
2512
(6432)
2010
(5025)
1210
(3225)
1206
(3216)
0805
(2012)
0603
(1608)
0402
(1005)
Resistance
Tolerance
±1.0%, ±0.5%, ±0.25%, ±0.1%, ±0.05% , ±0.02%,±0.01% *
Resistance Range
4.7
Ω ~
600K
Ω
4.7
Ω ~
360K
Ω
4.7
Ω ~
150K
Ω
4.7
Ω ~
120K
Ω
4.7
Ω ~
80K
Ω
4.7
Ω ~
40K
Ω
10
Ω ~
8K
Ω
TCR
±2 ppm/°C
Max. Dissipation at
Tamb=70
°C
1W
3/4W
2/5W
1/4W
1/8W
1/10W
1/10W
Max. Operation
Voltage
200V
200V
200V
200V
150V
75V
50V
Max. Overload
Voltage
400V
400V
400V
400V
300V
150V
100V
Operating
Temperature
- 55~ +155’C
Note :
1.
This is the maximum voltage that may be continuously supplied to the resistor element, see “IEC publication
60115-8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
×
=
or Max. RCWV listed above, whichever is lower.
DIMENSIONS:(unit:mm)
Type
WF25C
WF20C
WF10C
WF12C
WF08C
WF06C
WF04C
L
6.35
±±±± 0.10
5.00
±±±± 0.10
3.10
±±±± 0.10
3.05
±±±± 0.15
2.00
±±±± 0.10
1.55
±±±± 0.10
1.00
±±±± 0.10
W
3.20
±±±± 0.15
2.50
±±±± 0.15
2.60
±±±± 0.15
1.55
±±±± 0.15
1.25
±±±± 0.10
0.80
±±±± 0.10
0.50
±±±± 0.05
A
0.60
±±±± 0.20
0.60
±±±± 0.20
0.50
±±±± 0.20
0.40
±±±± 0.20
0.25
±±±± 0.20
0.25
±±±± 0.15
0.30
±±±± 0.15
B
0.90
±±±± 0.25
0.60
±±±± 0.25
0.50
±±±± 0.20
0.40
±±±± 0.20
0.40
±±±± 0.20
0.30
±±±± 0.15
0.30
±±±± 0.15
t
0.55
±±±± 0.10
0.55
±±±± 0.10
0.55
±±±± 0.10
0.55
±±±± 0.15
0.50
±±±± 0.15
0.45
±±±± 0.15
0.35
±±±± 0.05
1001
Protective coat
Resistive layer
End termination
Ceramic Substrate
t
B
A
T
W
L
1001



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com