Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2225B104F202CT Datasheet(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

Part # 2225B104F202CT
Description  Halogen Free & RoHS Compliance
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

2225B104F202CT Datasheet(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 2225B104F202CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 7 of 10
ASC_1825 2220 2225_025I_DS
May. 2019
No.
Item
Test Condition
Requirements
13. Humidity
(Damp Heat)
Steady State
* Test temp.: 40±2°C
* Humidity: 90~95% RH
* Test time: 500+24/-0hrs.
*Before initial measurement (Class II only): To apply de-aging at
150°C for 1hr then set for 24±2 hrs at room temp.
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging at
150°C for 1hr then set for 24±2 hrs at room temp.
* No remarkable damage.
* Cap change:
NP0: within ±5% or 0.5pF whichever is larger.
X7R: within ±12.5%.
* Q/D.F.:
NP0: More than 30pF Q
≥350, 10pF≤C≤30pF, Q≥275+2.5C.
Less than 10pF Q
≥200+10C.
X7R:
≤2 × Initial requirements.
* I.R.:
≥1G or R•C≥50 -F whichever is smaller.
14. Humidity
(Damp Heat)
Load
*Test temp.:40±2°C
*Humidity:90~95%RH
*Test time:500+24/-0 hrs.
*To apply voltage:
Rated voltage (MAX. 500V)
*Before initial measurement (Class II only): To apply de-aging at
150°C for 1hr then set for 24±2 hrs at room temp.
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging at
150°C for 1hr then set for 24±2 hrs at room temp.
* No remarkable damage.
* Cap change:
NP0: ±7.5% or 0.75pF whichever is larger.
X7R: within ±12.5%
* Q/D.F.:
NP0: More than 30pF,Q
≥200;C<30pF, Q≥100+10/3C
X7R:
≤2 × Initial requirements.
* I.R.:
≥500M or R•C≥5 -F whichever is smaller.
15. High
Temperature
Load
(Endurance)
* Test temp.:125±3°C
* To apply voltage:
(1) Cap.
≥1µF: 150% of rated voltage.
(2) Ur
≤250V: 200% of rated voltage.
(3) 250V<Ur
≤500V: 150% of rated voltage.
(4) 500V<Ur
≤3000V: 120% of rated voltage.
(5) 4000V: 110% of rated voltage.
*Test time: 1000+24/-0 hrs.
*Before initial measurement (Class II only): To apply de-aging at
150°C for 1hr then set for 24±2 hrs at room temp.
* Cap. / DF(Q) / I.R. Measurement to be made after de-aging at 150°C
for 1hr then set for 24±2 hrs at room temp.
* No remarkable damage.
* Cap change:
NP0: within ±3% or 0.3pF whichever is larger.
X7R: within ±12.5%.
* Q/D.F.:
NP0: More than 30pF Q
≥350, 10pF≤C≤30pF, Q≥275+2.5C
Less than 10pF Q
≥200+10C
X7R:
≤2 × Initial requirements.
* I.R.:
≥1G or R•C≥50 -F whichever is smaller.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com