Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2225B104F202CT Datasheet(PDF) 9 Page - WALSIN TECHNOLOGY CORPORATION

Part # 2225B104F202CT
Description  Halogen Free & RoHS Compliance
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

2225B104F202CT Datasheet(HTML) 9 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 2225B104F202CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION 2225B104F202CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 9 of 10
ASC_1825 2220 2225_025I_DS
May. 2019
APPLICATION NOTES
◙ Storage
To prevent the damage of solderability of terminations, the following storage conditions are
recommended:
Indoors under 5 ~ 40°C and 20% ~ 70% RH.
No harmful gases containing sulfuric acid, ammonia, hydrogen sulfide or chlorine.
Packaging should not be opened until the capacitors are required for use. If opened, the pack should be
re-sealed as soon as is practicable. Taped product should be stored out of direct sunlight, which might
promote deterioration in tape or adhesion performance. The capacitors should be used within 6 months and
checked the solderability before use.
◙ Handling
Chip capacitors are dense, hard, brittle, and abrasive materials. They are liable to suffer mechanical
damage, in the form of cracks or chips. Chip Capacitors should be handled with care to avoid contamination
or damage. To use vacuum or plastic tweezers to pick up or plastic tweezers is recommended for manual
placement. Tape and reeled packages are suitable for automatic pick and placement machine.
◙ Preheat
In order to minimize the risk of thermal shock during soldering, a carefully controlled preheat is required.
The rate of preheat should not exceed 4°C per secon d and the final preheat temperature should be within
100°C of the soldering temperature for small chips such as 0402, 0603, 0805 and 1206, within 50°C of t he
soldering temperature for bigger chips such as 1210, 1808, 1812, 1825, 2220 and 2225, etc.
◙ Soldering
Use middy activated rosin RA and RMA fluxes do not use activated flux. The amount of solder in each
solder joint should be controlled to prevent the damage of chip capacitors caused by the stress between
solder, chips, and substrate.
Hand soldering with temperature-controlled iron not exceeding 30 watts and diameter of tip less than 1.2
mm is recommended, tip of iron should not contact the ceramic body directly, and the temperature of iron
should be set to not more than 260°C.
For bigger chips such as 1210, 1808, 1812, 2220 and 2225, etc. wave soldering and hand soldering are
no recommended.
Refer IPC/JEDEC J-STD-020D Method recommended soldering profiles:
Reflow not sooner than 15 minutes and not longer than 4 hrs after removal from the
temperature/humidity chamber, subject the sample to 3 cycle of the appropriate reflow conditions as defined
as blow Table description.
Profile Feature
Pb-Free Assembly
Preheat/Soak
Temperature Min.(TS min)
Temperature Max.(TS max)
Time(tS) from (TS min to TS max)
150°C
200°C
60 to 120 seconds
Ramp-up rate(TL to TP)
3°C/second max.
Liquidous temperature(TL)
Time(tL) maintained above TL
217°C
60 to 150 seconds
Peak package body temperature(TP)
For user TP must not exceed the
Classification temp 260°C
For suppliers TP must equal or exceed the
Classification temp 260°C
Time(TP)* within 5°C of the specified
classification temperature(TC)
30* second
Ramp-down rate (TP to TL)
6°C/second max.
Time 25°C to peak temperature 260°C
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com