Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TTL02JPR010DTL Datasheet(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

Part # TTL02JPR010DTL
Description  High Power Thin Film Current Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

TTL02JPR010DTL Datasheet(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

Back Button TTL02JPR010DTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FUNCTIONAL DESCRIPTION
Product characterization
Power rating is based on continuous full load operation at rated ambient temperature of 70 ºC. For resistors operated at
ambient temp. in excess of 70 ºC, the maximum load shall be derated in accordance with the following curve.
The power that the resistor can dissipate depends on the operating temperature; see Fig.1&Fig2
Temperature range of size 0201: -55°C to +125°C (Fi g.1)
Temperature range of size 0402 to 0805: -55°C to +1 55°C (Fig.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com