Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TTL02JPR010DTL Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # TTL02JPR010DTL
Description  High Power Thin Film Current Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

TTL02JPR010DTL Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  TTL02JPR010DTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION TTL02JPR010DTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Quick Reference Data
Note :
1.
This is the maximum voltage that may be continuously supplied to the resistor element, see “IEC publication
60115-8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
×
=
Series
Size
Functional code
Resistance
Range
Resistance
Tolerance
Power(W)
TCR
( ppm/℃)
H
I
J
K
M
P
Q
mΩ
%
TTL
0201
(0603)
1/8
1/5
1/4
1/3
U
:±350
5~20 m
Ω
±1%(F)
TTL
0402
(1005)
1/4
1/3
1/2
Q
:±150
2.5 m
Ω
±1%(F)
TTL
0402
(1005)
1/4
1/3
1/2
P
:±100
5~20 m
Ω
±1%(F)
TTL
0603
(1608)
1/5
1/4
1/3
1/2
Q
:±150
2 ~4 m
Ω
±1%(F)
TTL
0603
(1608)
1/4
1/3
1/2
O
:±75
5 ~9 m
Ω
±1%(F)
TTL
0603
(1608)
1/4
1/3
1/2
O
:±75
10 ~20 m
Ω
±0.5%(D)
±1%(F)
TTL
0805
(2012)
1/4
1/3
1/2
Q
:±150
2~4 m
Ω
±1%(F)
TTL
0805
(2012)
1/4
1/3
1/2
O
:±75
5~9 m
Ω
±1%(F)
TTL
0805
(2012)
1/4
1/3
1/2
O
:±75
10~20 m
Ω
±0.5%(D)
±1%(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com