Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSR91B565JB Datasheet(PDF) 75 Page - Kemet Corporation

Part # CSR91B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR91B565JB Datasheet(HTML) 75 Page - Kemet Corporation

Back Button CSR91B565JB Datasheet HTML 71Page - Kemet Corporation CSR91B565JB Datasheet HTML 72Page - Kemet Corporation CSR91B565JB Datasheet HTML 73Page - Kemet Corporation CSR91B565JB Datasheet HTML 74Page - Kemet Corporation CSR91B565JB Datasheet HTML 75Page - Kemet Corporation CSR91B565JB Datasheet HTML 76Page - Kemet Corporation CSR91B565JB Datasheet HTML 77Page - Kemet Corporation CSR91B565JB Datasheet HTML 78Page - Kemet Corporation CSR91B565JB Datasheet HTML 79Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
INTRODUCTION
KEMET solid tantalum capacitors are identified by the
initial “T,” followed by a unique “Series” number; for exam-
ple, T110, T322, T350, etc. Each Series denotes a gener-
al physical form and type of encapsulation, as well as lim-
its on dimensions and certain electrical characteristics
under standard conditions of 25°C, 50% relative humidity,
and one atmosphere pressure. Specific requirements are
set forth in the respective Product Series in this catalog. All
Military products are 100% electrically screened for the
parameters shown in the respective product section. For
non-military product, all series are 100% screened for
leakage, capacitance and dissipation factor. All Series are
inspected to electrical limits using a minimum .1% AQL
sampling plans, according to the Military Standard
MIL-STD-105, even after 100% testing. This sampling
plan, to the best of KEMET Electronics’ knowledge, meets
or exceeds the generally accepted industry standard for
similar products. KEMET capacitors may also be supplied,
with prior agreement, to meet specifications with require-
ments differing from those of KEMET catalogs.
Reference
ESR values are provided but are NOT 100% screened
These Notes apply generally to all KEMET solid tan-
talum capacitors and illustrate typical performance under
normal application conditions, except where noted.
Certain Series will respond differently to various environ-
mental conditions. For example, hermetically sealed
series are relatively immune to humidity effects, while
plastic-encased series are not. The intent of these Notes
is not to delineate such differences but to provide general-
ized information concerning performance characteristics.
1. GENERAL APPLICATION CLASS
Solid tantalum capacitors are usually applied in cir-
cuits where the AC component is small compared to the
DC component. Typical uses known to KEMET Electronics
include blocking, by-passing, decoupling, and filtering.
They are also used in timing circuits. If two of these polar
capacitors are connected “back-to-back” (i.e., negative-to-
negative or positive-to-positive), the pair may be used in
AC applications (as a non-polar device).
2. STORAGE CONDITIONS
Capacitors may be stored without applied voltage
over the operating temperature range specified in the cat-
alogs for each Series. The range is from -55 to +125° C for
all Series.
Tantalum capacitors do not lose capacitance from the
“de-forming” effect as do liquid-electrolytic capacitors.
Storage at high temperature may cause a small, tempo-
rary increase in leakage current (measured under stan-
dard conditions), but the original value is usually restored
within a few minutes after application of rated voltage.
Series which are not hermetically sealed exhibit
reversible changes in parameters with respect to relative
humidity (RH). Capacitance increases with increasing
humidity. The limiting change, reached upon establish-
ment of equilibrium with the environment, is approximate-
ly -5% to +12% over the range from 25% to 95% RH,
referred to the standard 50% RH. The amount of change
is dependent upon size (capacitance and voltage rating,
ie: CV product); small sizes might change no more than
±5%. Equilibrium at such extremes is seldom attained by
plastic-cased capacitors, and the change in capacitance is
consequently less. The rate of response to humidity
changes
increases
with
increasing
temperature.
Dissipation factor also increases with increasing RH. The
limiting change, at equilibrium with 95% RH, is approxi-
mately 50%.
DC leakage current may rise upon exposure to a
combination of high temperature and high humidity, but is
normally restored by voltage conditioning under standard
conditions. The increase will be greater than that experi-
enced under temperature influence alone because of con-
duction through absorbed water.
Hermetically-sealed and non-hermetic Series may be
affected by absorption of water on external insulating sur-
faces. The water film may also attract a layer of dust from
the air, increasing the effect. The most sensitive parame-
ter is leakage current.
3. POLARITY
These capacitors are inherently polar devices and
may be permanently damaged or destroyed if connected
with the wrong polarity. The positive terminal is identified
on the capacitor body by a polarity mark and the capacitor
body may include an obvious geometrical shape.
However, some Series contain two capacitors connected
(negative-to-negative) to form “non-polar” capacitors.
Rated voltage (see para. 8) may be applied to these
Series in either direction.
4. OPERATING ENVIRONMENT
Most of the discussion under “Storage Conditions”
will apply also when capacitors are operated within the
applicable electrical ratings described below. The tempo-
rary increase in leakage current (at standard conditions)
following elevated-temperature exposure is not observed,
however, if the capacitors are operated with adequate DC
voltage applied.
5. CAPACITANCE
Capacitance is measured at 120 Hz and 25° C with
up to 1 volt rms applied. Note that, in either operation,
peak AC plus DC bias must not exceed either rated volt-
age (normally polarized) or 15% of rated voltage in the
reverse direction at 25°C. Measurement circuits are of
high impedance, however, and under these conditions 1
volt rms may be applied even to 6 volt capacitors (23%
peak reversal) without a DC bias. DC bias is thus normal-
ly not used, except when rated voltage is below 6 volts and
the AC signal level exceeds 0.3 vrms. However,
MIL-C-39003 provides for up to 2.2 volts DC.
DC bias causes a small reduction in capacitance, up
to about 2% when full rated voltage is applied as bias. DF
is also reduced by the presence of DC; rated voltage may
cause a decrease in DF of about 0.2% (e.g., a decrease
from 3.6 to 3.4% DF).
Capacitance changes very little below 1 kHz but
decreases more noticeably at higher frequencies. Larger
capacitance values decline more rapidly than small rat-
ings. The effect of frequency upon capacitance is shown in
Figure 1.
®
KEMET
APPLICATION NOTES FOR TANTALUM CAPACITORS
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
75
Frequency - Hertz
10K
1K
100
0.9
1.0
Figure 1.
Normal Effect of Frequency upon Capacitance
Reference
1.0 at 120Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com