Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSR91B565JB Datasheet(PDF) 56 Page - Kemet Corporation

Part # CSR91B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR91B565JB Datasheet(HTML) 56 Page - Kemet Corporation

Back Button CSR91B565JB Datasheet HTML 52Page - Kemet Corporation CSR91B565JB Datasheet HTML 53Page - Kemet Corporation CSR91B565JB Datasheet HTML 54Page - Kemet Corporation CSR91B565JB Datasheet HTML 55Page - Kemet Corporation CSR91B565JB Datasheet HTML 56Page - Kemet Corporation CSR91B565JB Datasheet HTML 57Page - Kemet Corporation CSR91B565JB Datasheet HTML 58Page - Kemet Corporation CSR91B565JB Datasheet HTML 59Page - Kemet Corporation CSR91B565JB Datasheet HTML 60Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
®
KEMET
TANTALUM MOLDED / RADIAL
T340 SERIES
56
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
RATINGS & PART NUMBER REFERENCE
(1) To complete KEMET Part Number, insert M — ±20%, K — ±10%, or J — ±5% for capacitance tolerance as shown in T340 ordering information.
(2) To complete KEMET Part Number, insert letter “C” for 5.0 mm (.197”) lead spacing, “D” for 10.0 mm (.394”) lead spacing, “E” for 10.0 mm (.394”) lead spacing or “F” for 5.0 mm
(.197”) lead spacing. See page 53 for outline drawings.
Bold face lines indicate popular part types and values.
Higher voltage and better capacitance tolerance product may be substituted for an order within the same case size at KEMET’S option.
MAX.
MAX.
DISSIPATION
MAX
CAPAC-
DC
FACTOR
IMPEDANCE
ITANCE
CASE
KEMET
LEAKAGE
%@25°C,
Ω@
µF
SIZE
PART NUMBER
µA@25°C
120 HZ
10 kHz
15/16 VOLT RATING AT 85°C — 10 VOLT AT 125°C (Cont’d)
12.0
C
T340C126(1)015AS
3.0
6
15.0
C
T340C156(1)015AS
3.5
6
2.5
18.0
C
T340C186(1)015AS
4.0
6
22.0
C
T340C226(1)015AS
4.0
6
2.1
27.0
C
T340C276(1)015AS
5.0
6
33.0
C
T340C336(1)015AS
5.0
6
39.0
D/F
T340(2)396(1)015AS
7.0
6
47.0
D/F
T340(2)476(1)015AS
7.0
6
1.3
56.0
D/F
T340(2)566(1)015AS
8.0
6
68.0
D/F
T340(2)686(1)015AS
9.0
6
1.1
82.0
D/F
T340(2)826(1)015AS
10.0
6
100.0
E
T340E107(1)015AS
10.0
6
0.8
150.0
E
T340E157(1)015AS
10.0
6
0.6
20 VOLT RATING AT 85°C — 13 VOLT AT 125°C
2.2
A
T340A225(1)020AS
1.0
6
12.0
3.3
B
T340B335(1)020AS
1.0
6
8.0
4.7
B
T340B475(1)020AS
1.5
6
5.5
6.8
B
T340B685(1)020AS
2.5
6
4.2
15.0
C
T340C156(1)020AS
5.0
6
2.5
47.0
D
T340D476(1)020AS
9.0
6
1.3
100.0
E
T340E107(1)020AS
10.0
6
0.8
25 VOLT RATING AT 85°C — 16 VOLT AT 125°C
1.5
A
T340A155(1)025AS
1.0
6
17.0
2.7
B
T340B275(1)025AS
1.0
6
3.3
B
T340B335(1)025AS
1.0
6
3.9
B
T340B395(1)025AS
1.0
6
4.7
B
T340B475(1)025AS
2.0
6
5.5
5.6
C
T340C565(1)025AS
2.0
6
6.8
C
T340C685(1)025AS
3.0
6
4.2
8.2
C
T340C825(1)025AS
3.0
6
10.0
C
T340C106(1)025AS
3.5
6
3.0
12.0
C
T340C126(1)025AS
3.5
6
15.0
C
T340C156(1)025AS
4.0
6
18.0
D/F
T340(2)186(1)025AS
5.0
6
22.0
D/F
T340(2)226(1)025AS
5.5
6
2.0
27.0
D/F
T340(2)276(1)025AS
7.0
6
33.0
D/F
T340(2)336(1)025AS
8.0
6
1.5
39.0
D/F
T340(2)396(1)025AS
10.0
6
47.0
D/E/F
T340(2)476(1)025AS
10.0
6
1.3
68.0
E
T340E686(1)025AS
10.0
6
0.9
35 VOLT RATING AT 85°C — 23 VOLT AT 125°C
0.1
A
T340A104(1)035AS
1.0
6
220.0
0.15
A
T340A154(1)035AS
1.0
6
150.0
0.22
A
T340A224(1)035AS
1.0
6
100.0
0.33
A
T340A334(1)035AS
1.0
6
75.0
0.47
A
T340A474(1)035AS
1.0
6
50.0
0.68
A
T340A684(1)035AS
1.0
6
36.0
1.0
A
T340A105(1)035AS
1.0
6
25.0
1.2
B
T340B125(1)035AS
1.0
6
15.0
1.5
B
T340B155(1)035AS
1.0
6
1.8
B
T340B185(1)035AS
1.0
6
2.2
B
T340B225(1)035AS
1.0
6
11.0
2.7
B
T340B275(1)035AS
1.0
6
3.3
B/C
T340(2)335(1)035AS
1.0
6
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com