Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSR09B563JB Datasheet(PDF) 46 Page - Kemet Corporation

Part # CSR09B563JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B563JB Datasheet(HTML) 46 Page - Kemet Corporation

Back Button CSR09B563JB Datasheet HTML 42Page - Kemet Corporation CSR09B563JB Datasheet HTML 43Page - Kemet Corporation CSR09B563JB Datasheet HTML 44Page - Kemet Corporation CSR09B563JB Datasheet HTML 45Page - Kemet Corporation CSR09B563JB Datasheet HTML 46Page - Kemet Corporation CSR09B563JB Datasheet HTML 47Page - Kemet Corporation CSR09B563JB Datasheet HTML 48Page - Kemet Corporation CSR09B563JB Datasheet HTML 49Page - Kemet Corporation CSR09B563JB Datasheet HTML 50Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
KEMET T322 SERIES
MAX.
DISSIPATION
CAPACITANCE
D.C.
FACTOR
CAPACITANCE
CASE
TOLERANCE
KEMET
LEAKAGE
%@25°C,
MILITARY
KEMET
µF
SIZE
±%
PART NUMBER
µA@25°C
120 HZ
PART NUMBER
PART NUMBER
15 VOLT RATING AT 85°C — 10 VOLT RATING AT 125°C (Cont’d)
18.0
D
5,10,20
T322D186(1)015AS
2.2
6
22.0
D
5
T322D226J015AS
2.6
6
22.0
D
10
T322D226K015AS
2.6
6
CX05H226K
T323D226K015AS
22.0
D
20
T322D226M015AS
2.6
6
CX05H226M
T323D226M015AS
27.0
D
5,10,20
T322D276(1)015AS
3.2
6
33.0
D
5
T322D336J015AS
4.0
6
33.0
D
10
T322D336K015AS
4.0
6
CX05H336K
T323D336K015AS
33.0
D
20
T322D336M015AS
4.0
6
CX05H336M
T323E336M015AS
39.0
E
5,10,20
T322E396(1)015AS
4.7
6
47.0
E
5,10,20
T322E476(1)015AS
5.0
6
56.0
E
5,10,20
T322E566(1)015AS
6.7
6
68.0
E
5,10,20
T322E686(1)015AS
8.2
6
82.0
E
5,10,20
T322E826(1)015AS
9.8
8
100.0
E
5,10,20
T322E107(1)015AS
10.0
8
120.0
F
5,10,20
T322F127(1)015AS
10.0
8
150.0
F
5,10,20
T322F157(1)015AS
10.0
8
20 VOLT RATING AT 85°C — 13 VOLT RATING AT 125°C
1.0
A
5,10,20
T322A105(1)020AS
0.5
4
1.2
A
5,10,20
T322A125(1)020AS
0.5
4
1.5
A
5
T322A155J020AS
0.5
4
1.5
A
10
T322A155K020AS
0.5
4
CX05J155K
T323A155K020AS
1.5
A
20
T322A155M020AS
0.5
4
CX05J155M
T323A155M020AS
1.8
B
5,10,20
T322B185(1)020AS
0.5
4
2.2
B
5,10,20
T322B225(1)020AS
0.5
4
2.7
B
5,10,20
T322B275(1)020AS
0.5
4
3.3
B
5,10,20
T322B335(1)020AS
0.5
4
3.9
B
5,10,20
T322B395(1)020AS
0.6
4
4.7
B
5
T322B475J020AS
0.8
4
4.7
B
10
T322B475K020AS
0.8
4
CX05J475K
T323B475K020AS
4.7
B
20
T322B475M020AS
0.8
4
CX05J475M
T323B475M020AS
5.6
C
5,10,20
T322C565(1)020AS
0.9
4
6.8
C
5,10,20
T322C685(1)020AS
1.1
6
8.2
C
5,10,20
T322C825(1)020AS
1.3
6
10.0
C
5,10,20
T322C106(1)020AS
1.6
6
12.0
D
5
T322D126J020AS
1.9
6
12.0
D
10
T322D126K020AS
1.9
6
CX05J126K
T323D126K020AS
12.0
D
20
T322D126M020AS
1.9
6
CX05J126M
T323D126M020AS
15.0
D
5
T322D156J020AS
2.4
6
15.0
D
10
T322D156K020AS
2.4
6
CX05J156K
T323D156K020AS
15.0
D
20
T322D156M020AS
2.4
6
CX05J156M
T323D156M020AS
18.0
D
5,10,20
T322D186(1)020AS
2.9
6
22.0
D
5,10,20
T322D226(1)020AS
3.5
6
27.0
E
5,10,20
T322E276(1)020AS
4.3
6
33.0
E
5,10,20
T322E336(1)020AS
5.0
6
39.0
E
5,10,20
T322E396(1)020AS
6.2
6
47.0
E
5,10,20
T322E476(1)020AS
7.5
6
56.0
E
5,10,20
T322E566(1)020AS
8.9
6
68.0
E
5,10,20
T322E686(1)020AS
10.0
6
82.0
F
5,10,20
T322F826(1)020AS
10.0
8
100.0
F
5,10,20
T322F107(1)020AS
10.0
8
25 VOLT RATING AT 85°C — 17 VOLT RATING AT 125°C
0.47
A
5,10,20
T322A474(1)025AS
0.5
3
0.56
A
5,10,20
T322A564(1)025AS
0.5
3
0.68
A
5,10,20
T322A684(1)025AS
0.5
3
0.82
A
5,10,20
T322A824(1)025AS
0.5
3
1.0
A
5
T322A105J025AS
0.5
3
1.0
A
10
T322A105K025AS
0.5
3
CX05K105K
T323A105K025AS
1.0
A
20
T322A105M025AS
0.5
3
CX05K105M
T323A105M025AS
1.2
B
5,10,20
T322B125(1)025AS
0.5
3
1.5
B
5
T322B155J025AS
0.5
3
1.5
B
10
T322B155K025AS
0.5
3
CX01K155K
T323B155K025AS
1.5
B
20
T322B155M025AS
0.5
3
CX01K155M
T323B155M020AS
1.8
B
5
T322B185J025AS
0.5
3
1.8
B
10
T322B185K025AS
0.5
3
CX01K185K
T323B185K025AS
1.8
B
20
T322B185M025AS
0.5
3
CX01K185M
T323B185M025AS
2.2
B
5
T322B225J025AS
0.5
3
2.2
B
10
T322B225K025AS
0.5
3
CX05K225K
T323B225K025AS
®
KEMET
TANTALUM MOLDED / AXIAL — MIL-C-49137/1 & 5
T322 & T323 (CX01 & CX05) SERIES
46
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
RATINGS & PART NUMBER REFERENCE
(1) To complete KEMET Part Number, insert Capacitance Tolerance Symbol as follows: M — ±20%, K — ±10%, J — ±5%
Bold Face lines indicate preferred part types and values.
CX01 & CXO5 CAPACITORS
PER MIL-C-49137/1 & 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com