Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSR09B563JB Datasheet(PDF) 47 Page - Kemet Corporation

Part # CSR09B563JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B563JB Datasheet(HTML) 47 Page - Kemet Corporation

Back Button CSR09B563JB Datasheet HTML 43Page - Kemet Corporation CSR09B563JB Datasheet HTML 44Page - Kemet Corporation CSR09B563JB Datasheet HTML 45Page - Kemet Corporation CSR09B563JB Datasheet HTML 46Page - Kemet Corporation CSR09B563JB Datasheet HTML 47Page - Kemet Corporation CSR09B563JB Datasheet HTML 48Page - Kemet Corporation CSR09B563JB Datasheet HTML 49Page - Kemet Corporation CSR09B563JB Datasheet HTML 50Page - Kemet Corporation CSR09B563JB Datasheet HTML 51Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
KEMET T322 SERIES
MAX.
DISSIPATION
CAPACITANCE
D.C.
FACTOR
CAPACITANCE
CASE
TOLERANCE
KEMET
LEAKAGE
%@25°C,
MILITARY
KEMET
µF
SIZE
±%
PART NUMBER
µA@25°C
120 HZ
PART NUMBER
PART NUMBER
25 VOLT RATING AT 85°C — 17 VOLT RATING AT 125°C (Cont’d)
2.2
B
20
T322B225M025AS
0.5
3
CX01/5K225M
T323B225M025AS
2.7
B
5,10,20
T322B275(1)025AS
0.5
3
3.3
B
5
T322B335J025AS
0.7
3
3.3
B
10
T322B335K025AS
0.7
3
CX05K335K
T323B335K025AS
3.3
B
20
T322B335M025AS
0.7
3
CX05K335M
T323B335M025AS
3.9
C
5,10,20
T322C395(1)025AS
0.8
3
4.7
C
5,10,20
T322C475(1)025AS
0.9
4
5.6
C
5,10,20
T322C565(1)025AS
1.1
4
6.8
C
5
T322C685J025AS
1.4
4
6.8
C
10
T322C685K025AS
1.4
4
CX05K685K
T323C685K025AS
6.8
C
20
T322C685M025AS
1.4
4
CX05K685M
T323C685M025AS
8.2
C
5,10,20
T322C825(1)025AS
1.5
4
10.0
C
5
T322C106J025AS
1.5
4
10.0
C
10
T322C106K025AS
1.5
4
CX05K106K
T323C106K025AS
10.0
C
20
T322C106M025AS
1.5
4
CX05K106M
T323C106M025AS
12.0
D
5,10,20
T322D126(1)025AS
2.4
4
15.0
D
5,10,20
T322D156(1)025AS
3.0
4
18.0
E
5,10,20
T322E186(1)025AS
3.6
6
22.0
E
5,10,20
T322E226(1)025AS
4.4
6
27.0
E
5,10,20
T322E276(1)025AS
5.4
6
33.0
E
5,10,20
T322E336(1)025AS
6.6
6
39.0
E
5,10,20
T322E396(1)025AS
7.8
6
47.0
E
5,10,20
T322E476(1)025AS
9.4
6
56.0
F
5,10,20
T322F566(1)025AS
10.0
6
68.0
F
5,10,20
T322F686(1)025AS
10.0
6
35 VOLT RATING AT 85°C — 23 VOLT RATING AT 125°C
0.1
A
5,10,20
T322A104(1)035AS
0.5
3
0.12
A
5,10,20
T322A124(1)035AS
0.5
3
0.15
A
5,10,20
T322A154(1)035AS
0.5
3
0.18
A
5,10,20
T322A184(1)035AS
0.5
3
0.22
A
5,10,20
T322A224(1)035AS
0.5
3
0.27
A
5,10,20
T322A274(1)035AS
0.5
3
0.33
A
5
T322A334J035AS
0.5
3
0.33
A
10
T322A334K035AS
0.5
3
CX05M334K
T323A334K035AS
0.33
A
20
T322A334M035AS
0.5
3
CX05M334M
T323A334M035AS
0.39
A
5,10,20
T322A394(1)035AS
0.5
3
0.47
A
5
T322A474J035AS
0.5
3
0.47
A
10
T322A474K035AS
0.5
3
CX05M474K
T323A474K035AS
0.47
A
20
T322A474M035AS
0.5
3
CX05M474M
T323A474M035AS
0.56
B
5
T322B564J035AS
0.5
3
0.56
B
10
T322B564K035AS
0.5
3
CX01M564K
T323B564K035AS
0.56
B
20
T322B564M035AS
0.5
3
CX01M564M
T323B564M035AS
0.68
B
5
T322B684J035AS
0.5
3
0.68
B
10
T322B684K035AS
0.5
3
CX01M684K
T323B684K035AS
0.68
B
20
T322B684M035AS
0.5
3
CX01M684M
T323B684M035AS
0.82
B
5
T322B824J035AS
0.5
3
0.82
B
10
T322B824K035AS
0.5
3
CX01M824K
T323B824K035AS
0.82
B
20
T322B824M035AS
0.5
3
CX01M824M
T323B824M035AS
1.0
B
5
T322B105J035AS
0.5
3
1.0
B
10
T322B105K035AS
0.5
3
CX01M105K
T323B105K035AS
1.0
B
20
T322B105M035AS
0.5
3
CX01M105M
T323B105M035AS
1.2
B
5
T322B125J035AS
0.5
3
1.2
B
10
T322B125K035AS
0.5
3
CX01M125K
T323B125K035AS
1.2
B
20
T322B125M035AS
0.5
3
CX01M125M
T323B125M035AS
1.5
B
5
T322B155J035AS
0.5
3
1.5
B
10
T322B155K035AS
0.5
3
CX05M155K
T323B155K035AS
1.5
B
20
T322B155M035AS
0.5
3
CX05M155M
T323B155M035AS
1.8
C
5,10,20
T322C185(1)035AS
0.5
3
2.2
C
5,10,20
T322C225(1)035AS
0.6
3
2.7
C
5,10,20
T322C275(1)035AS
0.8
3
3.3
C
5
T322C335J035AS
0.9
4
3.3
C
10
T322C335K035AS
0.9
4
CX05M335K
T323C335K035AS
3.3
C
20
T322C335M035AS
0.9
4
CX05M335M
T323C335M035AS
3.9
C
5
T322C395J035AS
1.1
4
3.9
C
10
T322C395K035AS
1.1
4
CX05M395K
T323C395K035AS
3.9
C
20
T322C395M035AS
1.1
4
CX05M395M
T323C395M035AS
4.7
C
5
T322C475J035AS
1.3
4
4.7
C
10
T322C475K035AS
1.3
4
CX05M475K
T323C475K035AS
4.7
C
20
T322C475M035AS
1.3
4
CX05M475M
T323C475M035AS
®
KEMET
TANTALUM MOLDED / AXIAL — MIL-C-49137/1 & 5
T322 & T323 (CX01 & CX05) SERIES
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
47
CX01 & CXO5 CAPACITORS
PER MIL-C-49137/1 & 5
RATINGS & PART NUMBER REFERENCE
(1) To complete KEMET Part Number, insert Capacitance Tolerance Symbol as follows: M — ±20%, K — ±10%, J — ±5%
Bold Face lines indicate preferred part types and values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com