Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBF110PFWLPES Datasheet(PDF) 11 Page - fujitsu semiconductor

Part # MBF110PFWLPES
Description  Solid-State Fingerprint Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MBF110PFWLPES Datasheet(HTML) 11 Page - fujitsu semiconductor

Back Button MBF110PFWLPES Datasheet HTML 7Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 8Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 9Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 10Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 11Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 12Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 13Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 14Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 15Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Pr
eliminar
y
MBF110
Fujitsu Microelectronics, Inc.
7
DCR (A3-A0 Address 0101) Write Only
Discharge Current Register
MSB
LSB
RSR (A3-A0 Address 0110) Write Only
Reserved
The user must initialize this resistor to zero.
MSB
LSB
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
F2
F1
TRST
DC4
DC3
DC2
DC1
DC0
Bit Number
Bit Name
Function
[7:6]
F2, F1
These two bits tell the chip the frequency of the external oscillator or crystal that is connected to the chip.
F2
F1
XTAL Input
0
0
10-15 MHz
0
1
15-20 MHz
1
0
20-30 MHz
1
1
30-40 MHz
5
TRST
Timer Reset. Set this bit to halt and reset the Discharge Timer. Resetting the Discharge Timer is necessary to put
the Discharge Timer in a known state after power-up or after returning to Normal mode from Low-power mode
(See bit 7 of DTR).
TRST=0,Normal Timer Operation
TRST=1,Halt and Clear Discharge Timer (doesn’t clear DTR)
[4:0]
DC[4:0]
Selects the Discharge Current source value.
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
––––––––
Bit Number
Bit Name
Function
[7:0]
–
Reserved. Write 0 to these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com