Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBF110PFWLPES Datasheet(PDF) 19 Page - fujitsu semiconductor

Part # MBF110PFWLPES
Description  Solid-State Fingerprint Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MBF110PFWLPES Datasheet(HTML) 19 Page - fujitsu semiconductor

Back Button MBF110PFWLPES Datasheet HTML 15Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 16Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 17Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 18Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 19Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 20Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 21Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 22Page - fujitsu semiconductor MBF110PFWLPES Datasheet HTML 23Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Pr
eliminar
y
MBF110
Fujitsu Microelectronics, Inc.
15
MBF110 – PFW
TSOP (LQFP)– 80 pin Package
MBF110-PFW: TSOP 80pin Assembly Diagram
Symbol Description
MBF110PFW
DIMENSIONS
Min.
Nom.
Max.
Min.
Nom.
Millimeters
Inches
Max.
A
A1
A2
b
D1
D3
ddd
E
E1
E3
e
L
L1
1.45
0.10
1.35
0.16
14.95
0.25
14.95
0.50
1.55
0.15
1.40
0.25
24.00 BSC.
15.00
0.30
26.00 BSC.
24.00 BSC.
15.00
0.50 TYP.
0.60
1.00 REF.
1.70
0.25
1.45
0.30
15.05
0.35
15.05
0.70
0.57
.004
.053
.006
.588
.010
.588
.020
0.61
.006
.055
.010
.945 BSC.
.590
.012
1.024 BSC.
.945 BSC.
.590
.0197 TYP.
.024
.039 REF.
0.67
.010
.057
.012
.592
.014
.592
.028
Overall Height
Stand Off
Package Thickness
Lead Width
Package Body
Sensor Array Width
Sensor Array Depth
Tip to Tip Dimension
Package Body
Sensor Array Height
Lead Pitch
Lead Length
Foot Length
D1
SEE DETAIL “B”
A2
1
40
ddd
AA
D3
E3
C
H
2
1.40 ±0.05
ddd
15° TYP
D.25 REF. PLANE
DETAIL “B”
3°-5°
L
L1
e
b
E1
1
A1
SENSOR ARRAY
1.00 DIA.
PIN NO. 1 IDENTIFIER
A
SEATING
PLANE
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com