Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS29F010-90CSFME Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS29F010-90CSFME
Description  131072 BY 8-BIT FLASH MEMORY
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29F010-90CSFME Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS29F010-90CSFME Datasheet HTML 9Page - Texas Instruments TMS29F010-90CSFME Datasheet HTML 10Page - Texas Instruments TMS29F010-90CSFME Datasheet HTML 11Page - Texas Instruments TMS29F010-90CSFME Datasheet HTML 12Page - Texas Instruments TMS29F010-90CSFME Datasheet HTML 13Page - Texas Instruments TMS29F010-90CSFME Datasheet HTML 14Page - Texas Instruments TMS29F010-90CSFME Datasheet HTML 15Page - Texas Instruments TMS29F010-90CSFME Datasheet HTML 16Page - Texas Instruments TMS29F010-90CSFME Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
TMS29F010
131072 BY 8-BIT
FLASH MEMORY
SMJS840A – NOVEMBER 1997 – REVISED JUNE 1998
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical dc characteristics over recommended ranges of supply voltage and ambient
temperature
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIH
High level dc input voltage
TTL
2
VCC + 0.5
V
VIH
High-level dc input voltage
CMOS
0.7*VCC
VCC + 0.5
V
VIL
Low level dc input voltage
TTL
–0.5
0.8
V
VIL
Low-level dc input voltage
CMOS
–0.5
0.8
V
VID
Algorithm-selection and sector-protect/unprotect
input voltage
VCC = 5.0 V
11.5
12.5
V
VLKO
Low VCC lock-out voltage (see Note 5)
3.2
V
TTL
VCC =VCC MIN†
IOH = – 2.5 mA
2.4
VOH
High-level dc output voltage
CMOS
VCC =VCC MIN
IOH = – 100 µA
VCC – 0.4
V
CMOS
VCC =VCC MIN
IOH = – 2.5 mA
0.85*VCC
VOL
Low-level dc output voltage
TTL
VCC =VCC MIN
IOL = 5.8 mA
0.45
V
VOL
g
(see Note 6)
CMOS
VCC =VCC MIN
IOL = 5.8 mA
0.45
V
II
Input current (leakage)
VCC =VCC MAX
VI =VSS to VCC
±1
µA
IO
Output current (leakage)
VCC = VCC MAX
VO = VSS to VCC
±1
µA
IID
High-voltage load current
VCC = VCC MAX
A9 = 12.5 V
50
µA
ICC1
VCC active current (see Note 7)
E = VIL,G = VIH
30
mA
ICC2
VCC active current (see Note 8)
E = VIL,G = VIH
50
mA
ICC3
VCC supply current (standby)
TTL-input level
VCC = VCC MAX
E = VIH
1
mA
ICC3
VCC supply current (standby)
CMOS input level
VCC = VCC MAX
E = VCC ± 0.5 V
100
µA
† See the recommended operating conditions table
NOTES:
5. Typical value at nominal condition (TA = 25°C)
6. 12-mA IOL also available
7. ICC current in the read mode, switching at 6 MHz, IOUT = 0 mA
8. ICC current while erase or program operation is in progress
capacitance over recommended ranges of supply voltage and ambient temperature
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ci1
Input capacitance (All inputs except A9, E, G)
VI = 0 V, f = 1 MHz
7.5
pF
Ci2
Input capacitance (A9, E, G)
VI = 0 V, f = 1 MHz
9
pF
Co
Output capacitance
VO = 0 V, f = 1 MHz
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com